Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2005D1TDGNRQ1 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2005D1TDGNRQ1
Szczegółowy opis  Mono Filter-Free Class-D Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1TDGNRQ1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPA2005D1TDGNRQ1 Datasheet HTML 3Page - Texas Instruments TPA2005D1TDGNRQ1 Datasheet HTML 4Page - Texas Instruments TPA2005D1TDGNRQ1 Datasheet HTML 5Page - Texas Instruments TPA2005D1TDGNRQ1 Datasheet HTML 6Page - Texas Instruments TPA2005D1TDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPA2005D1TDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPA2005D1TDGNRQ1 Datasheet HTML 9Page - Texas Instruments TPA2005D1TDGNRQ1 Datasheet HTML 10Page - Texas Instruments TPA2005D1TDGNRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
4
8
12
16
20
24
28
32
R - Load Resistance -
L
W
V
= 4.2 V
DD
V
= 3.6 V
DD
V
= 2.5 V
DD
V
= 5 V
DD
f = 1 kHz,
THD+N = 1%,
Gain = 2 V/V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
4
8
12
16
20
24
28
32
R - Load Resistance -
L
W
V
= 4.2 V
DD
V
= 3.6 V
DD
V
= 2.5 V
DD
V
= 5 V
DD
f = 1 kHz,
THD+N = 10%,
Gain = 2 V/V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.5
3
3.5
4
4.5
V
- Supply Voltage - V
DD
THD+N = 10%
THD+N = 1%
R = 4
,
L
W
f = 1kHz,
Gain = 2 V/V
2.5
3
3.5
4
4.5
5
VDD - Supply Voltage - V
RL = 8 W
f = 1 kHz
Gain = 2 V/V
THD+N = 1%
THD+N = 10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3
3.5
4
4.5
5
5.5
VDD − Supply Voltage − V
No Load
RL = 8 W, 33 H
m
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
Shutdown Voltage - V
TPA2005D1-Q1
www.ti.com
SLOS474D – AUGUST 2005 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Figure 7. Quiescent Current vs Supply Voltage
Figure 8. Shutdown Current vs Shutdown Voltage
Figure 9. Output Power vs Supply Voltage
Figure 10. Output Power vs Supply Voltage
Figure 12. Output Power vs Load Resistance
Figure 11. Output Power vs Load Resistance
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA2005D1-Q1


Podobny numer części - TPA2005D1TDGNRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGN TI-TPA2005D1DGN Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2005D1TDGNRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com