Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2011D1 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TPA2011D1
Szczegółowy opis  Mono Filter-Free Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2011D1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA2011D1_15 Datasheet HTML 2Page - Texas Instruments TPA2011D1_15 Datasheet HTML 3Page - Texas Instruments TPA2011D1_15 Datasheet HTML 4Page - Texas Instruments TPA2011D1_15 Datasheet HTML 5Page - Texas Instruments TPA2011D1_15 Datasheet HTML 6Page - Texas Instruments TPA2011D1_15 Datasheet HTML 7Page - Texas Instruments TPA2011D1_15 Datasheet HTML 8Page - Texas Instruments TPA2011D1_15 Datasheet HTML 9Page - Texas Instruments TPA2011D1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPA2011D1
SLOS626B – DECEMBER 2009 – REVISED NOVEMBER 2015
www.ti.com
7.6 Operating Characteristics
VDD = 3.6 V, TA = 25°C, AV = 2 V/V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
3.24
THD + N = 10%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.62
W
VDD = 2.5 V
0.70
VDD = 5 V
2.57
THD + N = 1%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.32
W
VDD = 2.5 V
0.57
PO
Output power
VDD = 5 V
1.80
THD + N = 10%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.91
W
VDD = 2.5 V
0.42
VDD = 5 V
1.46
THD + N = 1%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.74
W
VDD = 2.5 V
0.33
VDD = 3.6 V, Inputs AC grounded
A-weighting
20
Vn
Noise output voltage
μVRMS
with CI = 2μF, f = 20 Hz to 20 kHz
No weighting
25
VDD = 5.0 V, PO = 1.0 W, f = 1 kHz, RL = 8 Ω
0.11%
VDD = 3.6 V, PO = 0.5 W, f = 1 kHz, RL = 8 Ω
0.05%
VDD = 2.5 V, PO = 0.2 W, f = 1 kHz, RL = 8 Ω
0.05%
Total harmonic distortion
THD+N
plus noise
VDD = 5.0 V, PO = 2.0 W, f = 1 kHz, RL = 4 Ω
0.23%
VDD = 3.6 V, PO = 1.0 W, f = 1 kHz, RL = 4 Ω
0.07%
VDD = 2.5 V, PO = 0.4 W, f = 1 kHz, RL = 4 Ω
0.06%
VDD = 3.6 V, Inputs AC grounded with CI = 2 μF,
AC power supply rejection
PSRR
86
dB
ratio
200 mVpp ripple, f = 217 Hz
CMRR
Common mode rejection
VDD = 3.6 V, VIC = 1 VPP, f = 217 Hz
79
dB
ratio
TSU
Startup time from
VDD = 3.6 V
4
ms
shutdown
VDD = 3.6 V, VO+ shorted to VDD
2
VDD = 3.6 V, VO– shorted to VDD
2
Overcurrent protection
IOC
VDD = 3.6 V, VO+ shorted to GND
2
A
threshold
VDD = 3.6 V, VO– shorted to GND
2
VDD = 3.6 V, VO+ shorted to VO–
2
Time for which output is
disabled after a short-
TSD
circuit event, after which
VDD = 2.5 V to 5.5 V
100
ms
auto-recovery trials are
continuously made
7.7 Dissipation Ratings
PACKAGE
DERATING FACTOR(1)
TA < 25°C
TA = 70°C
TA = 85°C
YFF (DSBGA)
4.2 mW/°C
525 mW
336 mW
273 mW
(1)
Derating factor measure with high K board.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPA2011D1


Podobny numer części - TPA2011D1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
More results

Podobny opis - TPA2011D1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com