Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2015D1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2015D1
Szczegółowy opis  Constant Output Power Class-D Audio Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2015D1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA2015D1 Datasheet HTML 1Page - Texas Instruments TPA2015D1 Datasheet HTML 2Page - Texas Instruments TPA2015D1 Datasheet HTML 3Page - Texas Instruments TPA2015D1 Datasheet HTML 4Page - Texas Instruments TPA2015D1 Datasheet HTML 5Page - Texas Instruments TPA2015D1 Datasheet HTML 6Page - Texas Instruments TPA2015D1 Datasheet HTML 7Page - Texas Instruments TPA2015D1 Datasheet HTML 8Page - Texas Instruments TPA2015D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IN-
IN+
GAIN
ENB
END
GND
VBAT
SW PVOUT PVDD
OUT+
OUT-
AGC
2.2 H
m
6.8 F - 22 F
m
m
TPA2015D1
Differential
Audio Inputs
Gain Control
AGC Control
Boost Enable
Class-D Enable
2.2 F - 10 F
m
m
Connected to Supply
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA2015D1
SLOS638B – NOVEMBER 2011 – REVISED OCTOBER 2015
TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost
Converter and Battery Tracking Speakerguard™ AGC
1 Features
3 Description
The TPA2015D1 is a high efficiency Class-D audio
1
Built-In SpeakerGuardTM Automatic Gain Control
power amplifier with battery-tracking SpeakerGuard™
(AGC) with Enhanced Battery Tracking
AGC technology and an integrated adaptive boost
Limits Battery Current Consumption
converter that enhances efficiency at low output
Prevents Audio Clipping
power. It drives up to 2 W into an 8
Ω speaker (6%
THD). With 85% typical efficiency, the TPA2015D1
2 W into 8
Ω Load From 3.6 V Supply (6% THD)
helps extend battery life when playing audio.
Integrated Adaptive Boost Converter
The built-in boost converter generates a 5.5 V supply
Increases Efficiency at Low Output Power
voltage for the Class-D amplifier. This provides a
Low Quiescent Current of 1.7 mA from 3.6 V
louder audio output than a stand-alone amplifier
Operates From 2.5 V to 5.2 V
directly
connected
to
the
battery.
The
SpeakerGuardTM AGC adjusts the Class-D gain to
Thermal and Short-Circuit Protection with Auto
limit battery current and prevent heavy clipping.
Recovery
The TPA2015D1 has an integrated low-pass filter to
Three Gain Settings: 6 dB, 15.5 dB, and 20 dB
improve the RF rejection and reduce DAC out-of-
Independent Control for Boost and Class-D
band noise, increasing the signal to noise ratio
Pin-to-Pin Compatible with TPA2013D1
(SNR).
Available in 1.954 mm × 1.954 mm 16-ball
The TPA2015D1 is available in a space saving
DSBGA Package
1.954 mm × 1.954 mm, 0.5 mm pitch DSBGA
package (YZH).
2 Applications
Device Information(1)
Cell Phones, PDA, GPS
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Portable Electronics and Speakers
TPA2015D1
DSBGA (16)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TPA2015D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

Podobny opis - TPA2015D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com