Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3131D2RHBR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3131D2RHBR
Szczegółowy opis  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2RHBR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA3131D2RHBR Datasheet HTML 6Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 7Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 8Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 9Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 10Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 11Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 12Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 13Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
Gain = 26 dB
PVCC = 24 V
TA = 25 °C
RL = 8 Ω
G017
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Left Channel
Right Channel
Gain = 26 dB
PVCC = 12 DC + 200 mVpp
TA = 25 °C
RL = 8Ω
G018
0
5
10
15
20
25
30
35
40
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
THD+N = 1 %
THD+N = 10 %
THD+N = 1 % ;PLIMIT = 1.85 V
THD+N = 10 % ;PLIMIT = 1.85 V
THD+N = 1 % ;PLIMIT = 4.25 V
THD+N = 10 % ;PLIMIT = 4.25 V
Gain = 26 dB
TA = 25 °C
RL = 8 Ω
G014
0
5
10
15
20
25
30
35
40
45
50
55
60
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
THD+N = 1 %
THD+N = 10 %
THD+N = 1 % ;PLIMIT = 1.85 V
THD+N = 10 % ;PLIMIT = 1.85 V
THD+N = 1 % ;PLIMIT = 4.25 V
THD+N = 10 % ;PLIMIT = 4.25 V
Gain = 26 dB
TA = 25 °C
RL = 4 Ω
G015
0
10
20
30
40
50
60
0
1
2
3
4
5
PLIMIT Voltage (V)
RL = 8 Ω, THD = 1 %
RL = 8 Ω, THD = 10 %
RL = 4 Ω, THD = 1 %
RL = 4 Ω, THD = 10 %
RL = 4 Ω, Current Limit TPA3131
RL = 8 Ω, Current Limit TPA3131
Gain = 26 dB
TA = 25 °C
PVCC = 26 V
G013
10
100
1k
10k
100k
−30
−20
−10
0
10
20
30
−360.0
−260.0
−160.0
−60.0
40.0
140.0
240.0
340.0
Frequency (Hz)
Gain
Phase
Gain = 26 dB
PVCC = 12 V
TA = 25 °C
RL = 8 Ω
G016
TPA3131D2, TPA3132D2
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
fs = 400 kHz (unless otherwise noted)
Figure 13. Maximum Output Power (BTL) vs PLimit Voltage
Figure 14. Gain/Phase (BTL) vs Frequency
Figure 15. Maximum Output Power (BTL) vs Supply Voltage
Figure 16. Maximum Output Power (BTL) vs Supply Voltage
Figure 17. Crosstalk (BTL) vs Frequency
Figure 18. PSRR vs Frequency
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPA3131D2 TPA3132D2


Podobny numer części - TPA3131D2RHBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Podobny opis - TPA3131D2RHBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com