Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3144D2 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3144D2
Szczegółowy opis  6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3144D2 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA3144D2 Datasheet HTML 5Page - Texas Instruments TPA3144D2 Datasheet HTML 6Page - Texas Instruments TPA3144D2 Datasheet HTML 7Page - Texas Instruments TPA3144D2 Datasheet HTML 8Page - Texas Instruments TPA3144D2 Datasheet HTML 9Page - Texas Instruments TPA3144D2 Datasheet HTML 10Page - Texas Instruments TPA3144D2 Datasheet HTML 11Page - Texas Instruments TPA3144D2 Datasheet HTML 12Page - Texas Instruments TPA3144D2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
20
50
200
500
2k
5k
20k
D011
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20k
100
1k
10k
50
200
500
2k
5k
D012
1 W
5 W
10 W
Output Power (W)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
0
10
20
30
40
50
60
70
80
90
100
D009
PVcc = 6V
PVcc = 13V
PVcc = 14.4V
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
20
50
200
500
2k
5k
20k
D010
Ch 1
Ch 2
Frequency
8
-60
12
-40
16
-20
20
0
24
20
28
40
100
1k
10k
20
50
200
500
2k
5k
20k
D007
Total Output Power (W)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
0
10
20
30
40
50
60
70
80
90
100
D008
PVcc = 6V
PVcc = 12V
PVcc = 14.4V
TPA3144D2
www.ti.com
SLOS907B – APRIL 2015 – REVISED JULY 2015
Typical Characteristics (continued)
All Measurements taken at 20dB closed loop gain, 1-kHz audio, TA = 25°C unless otherwise noted. Measurements were
made with AES17 filter using the TPA3144D2 EVM, which is available at ti.com.
AVCC=PVCC = 12 V, Load = 6
Ω + 47 µH (device pins)
AVCC=PVCC = 6 V, 12 V, 14.4 V, Load = 6
Ω + 47 µH, AGL +
PLIM disable (LIMRATE = GND, LIMTHRES = GVDD)
Figure 7. Gain/Phase vs Frequency (BTL)
Figure 8. Efficiency vs Output Power, 1SPW (BTL)
AVCC=PVCC= 6 V, 13 V, 14.4 V, Load = 8
Ω + 66 µH, AGL +
AVCC=PVCC = 12 V, 1 W, Load = 6
Ω + 47 µH
PLIM disable (LIMRATE = GND, LIMTHRES = GVDD)
Figure 10. Crosstalk vs Frequency, 1SPW (BTL)
Figure 9. Efficiency vs Output Power, 1SPW (BTL)
AVCC=PVCC = 12 V, Load = 4
Ω + 33 µH
AVCC=PVCC = 13 V, Load = 4
Ω + 33 µH, 1 W, 2.5 W, 10 W
Figure 11. Supply Ripple Rejection Ratio vs Frequency
Figure 12. Total Harmonic Distortion + Noise vs Frequency,
(BTL)
1SPW (PBTL)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA3144D2


Podobny numer części - TPA3144D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
More results

Podobny opis - TPA3144D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com