Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6130A2RTJT Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6130A2RTJT
Szczegółowy opis  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA6130A2RTJT Datasheet HTML 2Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 3Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
7.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 2.5 V to 5.5 V, inputs grounded
150
400
μV
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V, inputs grounded
–109
–90
dB
CMRR
Common mode rejection ratio
VDD = 2.5 V to 5.5 V
–68
dB
SCL, SDA
1
|IIH|
High-level input current
VDD = 5.5 V, VI = VDD
µA
SD
10
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0 V
SCL, SDA, SD
1
µA
VDD = 2.5 V to 5.5 V, SD = VDD
4
6
mA
Shutdown mode, VDD = 2.5V to 5.5 V, SD = 0 V
0.4
1
µA
IDD
Supply current
SW Shutdown mode, VDD = 2.5V to 5.5 V, SWS = 1
25
75
µA
Both HP amps disabled, VDD = 2.5V to 5.5 V,
1.4
2.5
mA
SWS = 0, Charge Pump enabled, SD = VDD
7.6 Operating Characteristics
VDD = 3.6 V , TA = 25°C, RL = 16 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.5V
60
Stereo, Outputs out of phase,
THD = 1%, f = 1 kHz,
VDD = 3.6V
127
Gain = 0.1 dB
VDD = 5V
138
PO
Output power
mW
VDD = 2.5V
110
Bridge-tied load,
THD = 1%, f = 1 kHz,
VDD = 3.6V
230
Gain = 0.1 dB
VDD = 5V
290
f = 100 Hz
0.0029%
Total harmonic distortion plus
THD+N
PO = 35 mW
f = 1 kHz
0.0055%
noise
f = 20 kHz
0.0027%
200 mVpp ripple, f = 217 Hz
–97
–90
kSVR
Supply ripple rejection ratio
200 mVpp ripple, f = 1 kHz
–93
dB
200 mVpp ripple, f = 20 kHz
–76
ΔAv
Gain matching
1%
Slew rate
0.3
V/µs
Vn
Noise output voltage
VDD = 3.6V, A-weighted, Gain = 0.1 dB
9
µVRMS
Charge pump switching
fosc
300
400
500
kHz
frequency
Start-up time from shutdown
5
ms
Differential input impedance
See Figure 33
SNR
Signal-to-noise ratio
Po = 35 mW
98
dB
Threshold
180
°C
Thermal shutdown
Hysteresis
35
°C
Hi-Z left and right bits set. HP amps disabled. DC
ZO
Tri-state HP output impedance
25
M
value.
CO
Output capacitance
80
pF
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA6130A2


Podobny numer części - TPA6130A2RTJT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI1-TPA6130A2RTJT Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2RTJTG4 TI-TPA6130A2RTJTG4 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Podobny opis - TPA6130A2RTJT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com