Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6138A2PWR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6138A2PWR
Szczegółowy opis  DirectPath Headphone Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6138A2PWR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA6138A2PWR Datasheet HTML 6Page - Texas Instruments TPA6138A2PWR Datasheet HTML 7Page - Texas Instruments TPA6138A2PWR Datasheet HTML 8Page - Texas Instruments TPA6138A2PWR Datasheet HTML 9Page - Texas Instruments TPA6138A2PWR Datasheet HTML 10Page - Texas Instruments TPA6138A2PWR Datasheet HTML 11Page - Texas Instruments TPA6138A2PWR Datasheet HTML 12Page - Texas Instruments TPA6138A2PWR Datasheet HTML 13Page - Texas Instruments TPA6138A2PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
R1
R2
R3
VSUP_MO
UVP
–IN
Differential Input
Inverting Input
TPA6138A2
R 1
R 1
R 2
R2
+
C 3
C3
R 3
R3
C1
C 1
C 2
R 1
R 2
+
C 3
R 3
C 1
C 2
+IN
–IN
TPA6138A2
TPA6138A2
SLOS704B – JANUARY 2011 – REVISED AUGUST 2015
www.ti.com
Device Functional Modes (continued)
Figure 8. Second-Order Active Low-Pass Filter
The resistor values should have a low value for obtaining low noise, but should also have a high enough value to
allow use of a small-size ac-coupling capacitor. With the proposed values of 15 k
Ω, 30 kΩ, and 43 kΩ, a dynamic
range (DYR) of 106 dB can be achieved with a 1-
μF input ac-coupling capacitor.
9.4.3 TPA6138A2 UVP Operation
The shutdown threshold at the UVP pin is 1.25 V. The customer must use a resistor divider to obtain the
shutdown threshold and hysteresis desired for a particular application. The customer-selected thresholds can be
determined as follows:
VUVP = (1.25 – 6 µA × R3) × (R1 + R2) / R2
(3)
Hysteresis = 5 µA × R3 × (R1 + R2) / R2
(4)
For example, to obtain VUVP = 3.8 V and 1-V hysteresis, we can use R1 = 3 kΩ, R2 = 1 kΩ and R3 = 50 kΩ.
Figure 9. UVP Resistor Divider
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPA6138A2


Podobny numer części - TPA6138A2PWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results

Podobny opis - TPA6138A2PWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2 TI-TPA6138A2_15 Datasheet
654Kb / 22P
[Old version datasheet]   TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com