Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3116D2DADR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3116D2DADR
Szczegółowy opis  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2DADR Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA3116D2DADR Datasheet HTML 1Page - Texas Instruments TPA3116D2DADR Datasheet HTML 2Page - Texas Instruments TPA3116D2DADR Datasheet HTML 3Page - Texas Instruments TPA3116D2DADR Datasheet HTML 4Page - Texas Instruments TPA3116D2DADR Datasheet HTML 5Page - Texas Instruments TPA3116D2DADR Datasheet HTML 6Page - Texas Instruments TPA3116D2DADR Datasheet HTML 7Page - Texas Instruments TPA3116D2DADR Datasheet HTML 8Page - Texas Instruments TPA3116D2DADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
MODSEL
I
Mode selection logic input (LOW = BD mode, HIGH = 1 SPW mode). TTL logic levels with compliance to
AVCC.
2
SDZ
I
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels with
compliance to AVCC.
3
FAULTZ
DO
General fault reporting including Over-temp, DC Detect. Open drain.
FAULTZ = High, normal operation
FAULTZ = Low, fault condition
4
RINP
I
Positive audio input for right channel. Biased at 3 V.
5
RINN
I
Negative audio input for right channel. Biased at 3 V.
6
PLIMIT
I
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit. Connect directly
to GVDD for no power limit.
7
GVDD
PO
Internally generated gate voltage supply. Not to be used as a supply or connected to any component other
than a 1 µF X7R ceramic decoupling capacitor and the PLIMIT and GAIN/SLV resistor dividers.
8
GAIN/SLV
I
Selects Gain and selects between Master and Slave mode depending on pin voltage divider.
9
GND
G
Ground
10
LINP
I
Positive audio input for left channel. Biased at 3 V. Connect to GND for PBTL mode.
11
LINN
I
Negative audio input for left channel. Biased at 3 V. Connect to GND for PBTL mode.
12
MUTE
I
Mute signal for fast disable/enable of outputs (HIGH = outputs Hi-Z, LOW = outputs enabled). TTL logic
levels with compliance to AVCC.
13
AM2
I
AM Avoidance Frequency Selection
14
AM1
I
AM Avoidance Frequency Selection
15
AM0
I
AM Avoidance Frequency Selection
16
SYNC
DIO
Clock input/output for synchronizing multiple class-D devices. Direction determined by GAIN/SLV terminal.
17
AVCC
P
Analog Supply
18
PVCC
P
Power supply
19
PVCC
P
Power supply
20
BSNL
BST
Boot strap for negative left channel output, connect to 220 nF X5R, or better ceramic cap to OUTPL
21
OUTNL
PO
Negative left channel output
22
GND
G
Ground
23
OUTPL
PO
Positive left channel output
24
BSPL
BST
Boot strap for positive left channel output, connect to 220 nF X5R, or better ceramic cap to OUTNL
25
GND
G
Ground
26
BSNR
BST
Boot strap for negative right channel output, connect to 220 nF X5R, or better ceramic cap to OUTNR
27
OUTNR
PO
Negative right channel output
28
GND
G
Ground
29
OUTPR
PO
Positive right channel output
30
BSPR
BST
Boot strap for positive right channel output, connect to 220 nF X5R or better ceramic cap to OUTPR
31
PVCC
P
Power supply
32
PVCC
P
Power supply
33
PowerPAD
G
Connect to GND for best system performance. If not connected to GND, leave floating.
(1)
TYPE: DO = Digital Output, I = Analog Input, G = General Ground, PO = Power Output, BST = Boot Strap.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


Podobny numer części - TPA3116D2DADR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3116D2DADR TI1-TPA3116D2DADR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3116D2DADR TI-TPA3116D2DADR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Podobny opis - TPA3116D2DADR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com