Zakładka z wyszukiwarką danych komponentów |
|
54ACT574 Arkusz danych(PDF) 7 Page - National Semiconductor (TI) |
|
|
54ACT574 Arkusz danych(HTML) 7 Page - National Semiconductor (TI) |
7 / 10 page AC Electrical Characteristics for ’ACT Family Devices 54ACT V CC T A = −55˚C Symbol Parameter (V) to +125˚C Units (Note 8) C L = 50 pF Min Max f MAX Maximum Clock Frequency 5.0 70 ns t PLH Propagation Delay 5.0 1.5 13.5 ns CP to O n t PHL Propagation Delay 5.0 1.5 12.5 ns CP to O n t PZH Output Enable Time 5.0 1.5 11.0 ns t PZL Output Enable Time 5.0 1.5 11.0 ns t PHZ Output Disable Time 5.0 1.5 12.0 ns t PLZ Output Disable Time 5.0 1.5 10.0 ns Note 8: Voltage Range 5.0 is 5.0V ±0.5V AC Operating Requirements for ’ACT Family Devices 54ACT V CC T A = −55˚C Symbol Parameter (V) to +125˚C Units (Note 9) C L = 50 pF Guaranteed Minimum t s Set-Up Time, HIGH or LOW 5.0 3.5 ns D n to CP t h Hold Time, HIGH or LOW 5.0 2.0 ns D n to CP t w CP Pulse Width 5.0 5.0 ns HIGH or LOW Note 9: Voltage Range 5.0 is 5.0V ±0.5V Capacitance Symbol Parameter Typ Units Conditions C IN Input Capacitance 4.5 pF V CC = OPEN C PD Power Dissipation Capacitance 40.0 pF V CC = 5.0V www.national.com 7 |
Podobny numer części - 54ACT574 |
|
Podobny opis - 54ACT574 |