Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP6KE24A Arkusz danych(PDF) 1 Page - Littelfuse

Numer części TP6KE24A
Szczegółowy opis  Hi reliability application and automotive grade AEC-Q101 qualified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TP6KE24A Arkusz danych(HTML) 1 Page - Littelfuse

  TP6KE24A Datasheet HTML 1Page - Littelfuse TP6KE24A Datasheet HTML 2Page - Littelfuse TP6KE24A Datasheet HTML 3Page - Littelfuse TP6KE24A Datasheet HTML 4Page - Littelfuse TP6KE24A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
886
TVS Diodes
TP6KE Series
Axial Leaded – 600W > TP6KE series
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/08/15
AGENCY
AGENCY FILE NUMBER
E230531
TVS devices are ideal for the protection of I/O interfaces,
V
CC bus and other vulnerable circuits used in telecom,
computer, industrial and consumer electronic applications.
Applications
Features
The AEC-Q101 qualified TP6KE Series is designed
specifically to protect sensitive electronic equipment from
voltage transients induced by lightning and other transient
voltage events.
Description
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by
10/1000μs Test Waveform (Fig.2)
(Note 1)
P
PPM
600
W
Steady State Power Dissipation on
Infinite Heat Sink at T
L=75ºC (Fig. 6)
P
D
5.0
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave Unidirectional
Only (Note 2)
I
FSM
100
A
Maximum Instantaneous Forward
Voltage at 50A for Unidirectional
Only
V
F
3.5
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-55 to 175
°C
Typical Thermal Resistance Junction
to Lead
R
uJL
20
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
75
°C/W
Notes:
1. Non-repetitive current pulse, per Fig. 4 and derated above T
J (initial) = 25
O
C per Fig. 3.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per
minute maximum.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
• Hi reliability application
and automotive grade
AEC-Q101 qualified
• Glass passivated chip
junction in DO-15 Package
• 600W peak pulse
capability at 10/1000μs
waveform, repetition rate
(duty cycles):0.01%
• Fast response time:
typically less than 1.0ps
from 0 Volts to BV min
• Excellent clamping
capability
• Typical failure mode is
short from over-specified
voltage or current
• Whisker test is conducted
based on JEDEC
JESD201A per its table 4a
and 4c
• IEC-61000-4-2 ESD
30kV(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2 (IEC801-2)
• EFT protection of data
lines in accordance with
IEC 61000-4-4 (IEC801-4)
• Low incremental surge
resistance
• High temperature
to reflow soldering
guaranteed: 260°C/40sec
/ 0.375”,(9.5mm) lead
length, 5 lbs., (2.3kg)
tension
• V
BR @ TJ= VBR@25°C
x (1+αT x (T
J - 25))
(αT:Temperature
Coefficient, typical value
is 0.1%)
• Plastic package has
underwriters laboratory
flammability classification
94V-O
• Lead-free matte tin plated
package
• Halogen free and RoHS
compliant
TP6KE Series
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
Bi-directional
Uni-directional
RoHS
Pb e3
1


Podobny numer części - TP6KE24A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Podobny opis - TP6KE24A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH6005LCT DIODES-DMTH6005LCT Datasheet
320Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN2005UFG DIODES-DMN2005UFG Datasheet
518Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com