Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZV3001FZ4-7 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części AZV3001FZ4-7
Szczegółowy opis  Single/Dual Channel Low Voltage Push-Pull Output Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV3001FZ4-7 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  AZV3001FZ4-7 Datasheet HTML 1Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 2Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 3Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 4Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 5Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 6Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 7Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 8Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AZV3001/3002
Document number: DS37616 Rev. 3 - 2
1 of 11
www.diodes.com
December 2015
© Diodes Incorporated
AZV3001, AZV3002
Single/Dual Channel Low Voltage Push-Pull Output Comparators
Description
AZV3001 and AZV3002 are single and dual channel comparators
developed for new generation low-power comparator families for
battery-powered devices and systems requiring low voltage operation.
The supply current each comparator typically consumes is 6µA to
extend battery life. It is guaranteed to operate at a low voltage of 1.6V
and is fully operational up to 5.5V. These features make the AZV3001
and AZV3002 convenient for use in 1.8V, 3.0V and 5.0V systems, and
are perfectly suitable for battery-powered devices from its low-power
characteristics.
The AZV3001 and AZV3002 have complementary push-pull output
stage comprised of P- and N-Channel MOSFET for each comparator
capable of driving rail-to-rail output swing.
The whole family is packaged in miniaturized packaging to reduce the
space needed on PCB boards. The AZV3001 is available in X2-
DFN1410-6; the AZV3002 is available in U-FLGA1616-8 and SO-8
.
Features
Low Supply Current: 6µA (typical)
Wide Supply Voltage Range: 1.6~5.5V
Rail to Rail Input/ Output Performance
Push-Pull Output Structure
Propagation Delay: 0.8µs (typical)
Low Input Bias Current: 1pA (typical)
No Phase Inversion with Overdrive Input Signals
Internal Hysteresis
X2-DFN1410-6, U-FLGA1616-8 and SO-8 Package: Available in
“Green” Molding Compound (No Br. Sb.)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Mobile Phones
Tablets
Battery Powered Devices
Alarm and Security Systems
Pin Assignments
AZV3001
6
5
4
2
3
1
OUT
VEE
IN+
VCC
N.C.
IN-
Top View
(X2-DFN1410-6)
AZV3002
Top View
(U-FLGA1616-8)
1
2
3
4
8
7
6
5
OUTPUT1
INPUT1-
INPUT1+
OUTPUT2
INPUT2-
INPUT2+
VCC
GND
Top View
(SO-8)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
VCC
VEE
OUT2
OUT1
IN2- IN2+
IN1-
IN1+


Podobny numer części - AZV3001FZ4-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results

Podobny opis - AZV3001FZ4-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com