Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZV5001 Arkusz danych(PDF) 8 Page - Diodes Incorporated

Numer części AZV5001
Szczegółowy opis  Low-Power Headset Detection IC in Miniaturized Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV5001 Arkusz danych(HTML) 8 Page - Diodes Incorporated

Back Button AZV5001 Datasheet HTML 4Page - Diodes Incorporated AZV5001 Datasheet HTML 5Page - Diodes Incorporated AZV5001 Datasheet HTML 6Page - Diodes Incorporated AZV5001 Datasheet HTML 7Page - Diodes Incorporated AZV5001 Datasheet HTML 8Page - Diodes Incorporated AZV5001 Datasheet HTML 9Page - Diodes Incorporated AZV5001 Datasheet HTML 10Page - Diodes Incorporated AZV5001 Datasheet HTML 11Page - Diodes Incorporated AZV5001 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AZV5001
Document number: DS37993 Rev. 2 - 2
8 of 12
www.diodes.com
August 2015
© Diodes Incorporated
AZV5001
Performance Characteristics (continued)
MIC ON Resistor vs. Drain Current
MIC ON Resistor vs. Supply Voltage
L-DET TO VOUT, MIC Response
L-DET TO VOUT, MIC Response
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Supply Voltage _ VCC (V)
T
A
=25
OC
Drain Current=1mA
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCC=1.6V
VCC=1.8V
VCC=2.0V
Drain Current (mA)
T
A
=25
OC
VCC=1.8V
L-Detect=1.31V~1.52V
VCC=1.8V
L-Detect=1.31V~1.52V
MIC
VOUT
L_Detect
L_Detect
VOUT
MIC
MIC Pulled-High resistor 2.2K
Ω


Podobny numer części - AZV5001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AZV5002 DIODES-AZV5002 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
AZV5002DS-7 DIODES-AZV5002DS-7 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
More results

Podobny opis - AZV5001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
SHENZHEN FUMAN ELECTRON...
FM5401 FUMAN-FM5401 Datasheet
731Kb / 11P
   Bluetooth Headset Mobile Power Management IC
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_11 Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec Comprehensive Headset Detection
Rev 1; 3/11
logo
Marki Microwave
DPX-3 MARKIMICROWAVE-DPX-3 Datasheet
460Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-2 MARKIMICROWAVE-DPX-2 Datasheet
330Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-4 MARKIMICROWAVE-DPX-4 Datasheet
459Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-M50 MARKIMICROWAVE-DPX-M50 Datasheet
338Kb / 3P
   Low Profile Miniaturized, Reflow Solderable Package Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com