Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC850CW Arkusz danych(PDF) 7 Page - Infineon Technologies AG

Numer części BC850CW
Szczegółowy opis  NPN Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC850CW Arkusz danych(HTML) 7 Page - Infineon Technologies AG

  BC850CW Datasheet HTML 1Page - Infineon Technologies AG BC850CW Datasheet HTML 2Page - Infineon Technologies AG BC850CW Datasheet HTML 3Page - Infineon Technologies AG BC850CW Datasheet HTML 4Page - Infineon Technologies AG BC850CW Datasheet HTML 5Page - Infineon Technologies AG BC850CW Datasheet HTML 6Page - Infineon Technologies AG BC850CW Datasheet HTML 7Page - Infineon Technologies AG BC850CW Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BC846W...BC850W
7
Dec-11-2001
h parameter he = f (VCE) normalized
IC = 2mA
0
010
20
30
EHP00369
V
CE
h
e
V
1.0
0.5
1.5
2.0
= 2 mA
h
h
h
h
e
e
e
e
21
11
12
22
C
Ι
h parameter he = f (IC) normalized
VCE = 5V
10
10
10
EHP00368
mA
-1
0
1
5
e
h
2
10
-1
10
1
10
10 0
5
5
5
h
11e
h
12e
h
21e
h
22e
V
CE = 5 V
Ι
C
Noise figure F = f (VCE)
IC = 0.2mA, RS = 2k, f = 1kHz
0
10
10
10
10
BC 846...850
EHP00370
V
CE
F
V
10
5
15
dB
20
-1
0
1
2
5
Noise figure F = f (f)
IC = 0.2mA, VCE = 5V, RS = 2k
10
10
10
10
BC 846...850
EHP00371
F
kHz
dB
-2
-1
1
2
20
10
0
5
15
f
0
10


Podobny numer części - BC850CW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC850CW PHILIPS-BC850CW Datasheet
48Kb / 8P
   NPN general purpose transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BC850CW SIEMENS-BC850CW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC850CW DIOTEC-BC850CW Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Pan Jit International I...
BC850CW PANJIT-BC850CW Datasheet
117Kb / 6P
   NPN GENERAL PURPOSE TRANSISTORS
logo
NXP Semiconductors
BC850CW NXP-BC850CW Datasheet
129Kb / 7P
   NPN general purpose transistors
1999 Apr 12
More results

Podobny opis - BC850CW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com