Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EZR32WG230F64R55G Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części EZR32WG230F64R55G
Szczegółowy opis  Building and home automation
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32WG230F64R55G Arkusz danych(HTML) 1 Page - Silicon Laboratories

  EZR32WG230F64R55G Datasheet HTML 1Page - Silicon Laboratories EZR32WG230F64R55G Datasheet HTML 2Page - Silicon Laboratories EZR32WG230F64R55G Datasheet HTML 3Page - Silicon Laboratories EZR32WG230F64R55G Datasheet HTML 4Page - Silicon Laboratories EZR32WG230F64R55G Datasheet HTML 5Page - Silicon Laboratories EZR32WG230F64R55G Datasheet HTML 6Page - Silicon Laboratories EZR32WG230F64R55G Datasheet HTML 7Page - Silicon Laboratories EZR32WG230F64R55G Datasheet HTML 8Page - Silicon Laboratories EZR32WG230F64R55G Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
EZR32WG Wireless MCUs
EZR32WG230 Data Sheet
EZR32WG230 Wireless MCU family with ARM Cortex-M4 CPU
and sub-GHz Radio
The EZR32WG Wireless MCUs are the latest in Silicon Labs family of wireless MCUs
delivering a high performance, low energy wireless solution integrated into a small form
factor package. By combining a high performance sub-GHz RF transceiver with an ener-
gy efficient 32-bit MCU, the EZR32WG family provides designers the ultimate in flexibili-
ty with a family of pin-compatible devices that scale with 64/128/256 kB of flash and sup-
port Silicon Labs EZRadio or EZRadioPRO transceivers. The ultra-low power operating
modes and fast wake-up times of the Silicon Labs energy friendly 32-bit MCUs, com-
bined with the low transmit and receive power consumption of the sub-GHz radio, result
in a solution optimized for battery powered applications.
32-Bit ARM Cortex wireless MCUs applications include the following:
KEY FEATURES
• Silicon Labs’ first 32-bit Wireless MCUs
• Based on ARM Cortex M3 (LG) and M4
(WG) CPU cores with 256 kB of flash and
32 kB RAM
• Best-in-class RF performance with EZradio
and EZRadioPro transceivers
• Ultra-low power wireless MCU
• Low transmit and receive currents
• Ultra-low power standby and sleep
modes
• Fast wake-up time
• Low Energy sensor interface (LESENSE)
• Rich set of peripherals including 12-bit ADC
and DAC, multiple communication
interfaces (UART, SPI, I2C), multiple GPIO
and timers
• AES Accelerator with 128/256-bit keys
• Energy, gas, water and smart metering
• Health and fitness applications
• Consumer electronics
• Alarm and security systems
• Building and home automation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1


Podobny numer części - EZR32WG230F64R55G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
EZR32WG230F64R55G-B0 SILABS-EZR32WG230F64R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32WG230F64R55G-B0R SILABS-EZR32WG230F64R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32WG230F64R55G-C0 SILABS-EZR32WG230F64R55G-C0 Datasheet
1Mb / 89P
   EZR32WG Wireless MCUs
Rev. 2.1
More results

Podobny opis - EZR32WG230F64R55G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
   Gateway solutions for building and home integration
Version 1.0/2022
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com