Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI516 Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części SI516
Szczegółowy opis  DUAL FREQUENCY VOLTAGE-CONTROLLED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI516 Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button SI516 Datasheet HTML 6Page - Silicon Laboratories SI516 Datasheet HTML 7Page - Silicon Laboratories SI516 Datasheet HTML 8Page - Silicon Laboratories SI516 Datasheet HTML 9Page - Silicon Laboratories SI516 Datasheet HTML 10Page - Silicon Laboratories SI516 Datasheet HTML 11Page - Silicon Laboratories SI516 Datasheet HTML 12Page - Silicon Laboratories SI516 Datasheet HTML 13Page - Silicon Laboratories SI516 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Si516
10
Rev. 1.0
Table 8. Output Clock Jitter and Phase Noise (CMOS, Dual CMOS)
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC; Output Format = CMOS, Dual CMOS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Phase Jitter
(RMS)
φJ
1.875 MHz to 20 MHz integration
bandwidth2 (brickwall)
—0.25
0.35
ps
12 kHz to 20 MHz integration band-
width2 (brickwall)
—0.8
1.1
ps
Phase Noise,
156.25 MHz
φN100 Hz
–71
dBc/Hz
1kHz
–93
dBc/Hz
10 kHz
–113
dBc/Hz
100 kHz
–123
dBc/Hz
1 MHz
–136
dBc/Hz
Spurious
SPR
LVPECL output, 156.25 MHz,
offset > 10 kHz
—–75
dBc
Notes:
1.
Applies to output frequencies: 74.17582, 74.25, 75, 77.76, 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25,
212.5 MHz.
2.
Applies to output frequencies: 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25, 212.5 MHz.
Table 9. Environmental Compliance and Package Information
Parameter
Conditions/Test Method
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solder Heat
MIL-STD-883, Method 2036
Moisture Sensitivity Level
MSL 1
Contact Pads
Gold over Nickel


Podobny numer części - SI516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI516 SKYWORKS-SI516 Datasheet
1Mb / 24P
   DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
More results

Podobny opis - SI516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Crystal Techno...
ACTOCXO20 ACT-ACTOCXO20 Datasheet
96Kb / 1P
   Voltage Controlled Frequency Adjustment
14/09/06
ACTOCXO36 ACT-ACTOCXO36 Datasheet
97Kb / 1P
   Voltage Controlled Frequency Adjustment
26/09/06
ACTOCXO38 ACT-ACTOCXO38 Datasheet
96Kb / 1P
   Voltage Controlled Frequency Adjustment
14/09/06
ACTOCXO14 ACT-ACTOCXO14 Datasheet
93Kb / 1P
   Voltage Controlled Frequency Adjustment
13/09/06
ACTOCXO25 ACT-ACTOCXO25 Datasheet
100Kb / 1P
   Voltage Controlled Frequency Adjustment
14/09/06
logo
Silicon Laboratories
SI554 SILABS-SI554 Datasheet
132Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
SI597 SILABS-SI597 Datasheet
123Kb / 12P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
logo
List of Unclassifed Man...
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
   DUAL VOLTAGE CONTROLLED AMPLIFIER
logo
Texas Instruments
SN54S124 TI-SN54S124 Datasheet
223Kb / 6P
[Old version datasheet]   DUAL VOLTAGE-CONTROLLED OSCILLATORS
SN54S124 TI-SN54S124_08 Datasheet
959Kb / 13P
[Old version datasheet]   DUAL VOLTAGE-CONTROLLED OSCILLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com