Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI535 Arkusz danych(PDF) 2 Page - Silicon Laboratories

Numer części SI535
Szczegółowy opis  ULTRA LOW JITTER CRYSTAL OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI535 Arkusz danych(HTML) 2 Page - Silicon Laboratories

  SI535 Datasheet HTML 1Page - Silicon Laboratories SI535 Datasheet HTML 2Page - Silicon Laboratories SI535 Datasheet HTML 3Page - Silicon Laboratories SI535 Datasheet HTML 4Page - Silicon Laboratories SI535 Datasheet HTML 5Page - Silicon Laboratories SI535 Datasheet HTML 6Page - Silicon Laboratories SI535 Datasheet HTML 7Page - Silicon Laboratories SI535 Datasheet HTML 8Page - Silicon Laboratories SI535 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Si535/536
2
Rev. 1.1
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage1
VDD
3.3 V option
2.97
3.3
3.63
V
2.5 V option
2.25
2.5
2.75
V
Supply Current
IDD
Output enabled
LVPECL
LVDS
111
90
121
98
mA
Tristate mode
60
75
mA
Output Enable (OE)2
VIH
0.75 x VDD
——
V
VIL
——
0.5
V
Operating Temperature Range
TA
–40
85
°C
Notes:
1. Selectable parameter specified by part number. See Section 3. "Ordering Information" on page 7 for further details.
2. OE pin includes a 17 k
 pullup resistor to V
DD.
Table 2. CLK± Output Frequency Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Nominal Frequency1
fO
LVPECL/LVDS
100
312.5
MHz
Initial Accuracy
fi
Measured at +25 °C at time of
shipping
±1.5
ppm
Temperature Stability1,2
–7
–20
+7
+20
ppm
Aging
fa
Frequency drift over first year
±3
ppm
Frequency drift over 20 year
life
±10
ppm
Total Stability2
Temp stability = ±20 ppm
±31.5
ppm
Temp stability = ±7 ppm
20
Powerup Time3
tOSC
TA = –40°C — +85°C
10
ms
Notes:
1. See Section 3. "Ordering Information" on page 7 for the list of available frequencies.
2. Selectable parameter specified by part number.
3. Time from powerup or tristate mode to fO.


Podobny numer części - SI535

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
List of Unclassifed Man...
SI5350 ETC2-SI5350 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5350A SILABS-Si5350A Datasheet
1Mb / 20P
   Timing Selector Guide
More results

Podobny opis - SI535

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Diodes Incorporated
UX22 DIODES-UX22 Datasheet
901Kb / 3P
   The Worlds Smallest Ultra Low Jitter Crystal Oscillator
July 2019
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com