Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPES51-19630 Arkusz danych(PDF) 1 Page - Total Power International

Numer części TPES51-19630
Szczegółowy opis  ACCOMMODATE UNIVERSAL AC SOURCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES51-19630 Arkusz danych(HTML) 1 Page - Total Power International

  TPES51-19630 Datasheet HTML 1Page - Total Power International TPES51-19630 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
TPES51 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCE
LOW PROFILE & HIGH POWER DENSITY
DESKTOP IEC320-2P AC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
EMI EN55022 / FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: 85% typical.
Switching Frequency: Approximate 90K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: Meet UL60950-1/ EN60950-1 Class II.
Power Density: 4.67Watts / Cubic Inch.
Operating Temperature: 0 to +25/35/40°C
without derating. (various with output voltage)
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo- plastic case.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (±%).
(3) The exact obtainable load regulation depends upon the output load current & cord selected. Upper data are for 6 ft.(2 m)cord AWG#18 wires.
(4) Due to requests in market and advances in technology, specifications subject to change without notice.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 45-51Watt typical.
Output Connector & Cord: Optional.
Output LED Indicator: Installed.
Line Regulation: 0.1% typical.
Load Regulation: ±1.5-3.0% typical.
Noise & Ripple: 1.0% typical peak to peak.
OVP: Built-in Zener diode clamping.
Over Current Protection (OCP): Installed.
Current limiting can be set precisely as per request.
Overload Protection (OLP):
Fully protected against output overload or short circuit.
Typical set at 130% max. load.
Consult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320-2P DT8 AC inlet receptacle.
Input Frequency: 47-63Hz.
Inrush Current: 30A @240Vac typical.
Input Current: 1.0A @115Vac & 0.5A @230Vac typical.
Dielectric Withstand: Meet IEC60950-1.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 8mS @115Vac typical.
50mS @230Vac typical.
Over Temp. Protection: By NTC.
For the details of safety approval, please consult the factory.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


Podobny numer części - TPES51-19630

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPES09 TOTAL-POWER-TPES09 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050160-1 TOTAL-POWER-TPES09-050160-1 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050160-11 TOTAL-POWER-TPES09-050160-11 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050180-1 TOTAL-POWER-TPES09-050180-1 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050180-11 TOTAL-POWER-TPES09-050180-11 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
More results

Podobny opis - TPES51-19630

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com