Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPES65-150430 Arkusz danych(PDF) 2 Page - Total Power International

Numer części TPES65-150430
Szczegółowy opis  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES65-150430 Arkusz danych(HTML) 2 Page - Total Power International

  TPES65-150430 Datasheet HTML 1Page - Total Power International TPES65-150430 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION: TPES65 - X X X Y Y Y
-40-
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (TPI External Switcher): About 65W.
OUTPUT VOLTAGE / CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.3 Vdc ≤Any Voltage ≤18.0 Vdc
3.3-5.0V/8.0-7.5A, 5.1-6.0V/7.45-7.0A,
6.1-7.0V/6.99-6.9A, 7.1-8.0V/6.89-6.8A,
8.1-9.0V/6.79-6.7A, 9.1-10.0V/6.65-6.2A,
10.1-12.0V/6.15-5.2A, 12.1-15.0V/5.17-4.3A,
15.1-16.5V/4.27-3.9A, 16.6-18.0V/3.88-3.6A
18.0 Vdc <Any Voltage ≤48.0 Vdc
18.1-19.6 V/3.59-3.4A, 19.7-20.8V/3.37-3.2A,
20.9-22.2V/3.19-3.0A, 22.3-24.7V/2.99-2.7A,
24.8-26.6V/2.68-2.5A, 26.7-29.0V/2.49-2.3A,
29.1-33.3V/2.29-2.0A, 33.4-36.0V/1.99-1.85A.
36.0-38.0V/1.85-1.7A, 38.0-40.0V/1.75-1.66A,
40.0-42.0V/1.66-1.58A, 42.0-44.0V/1.58-1.51A,
44.0-46.0V/1.51-1.44A, 46.0-48.0V/1.44-1.40A
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for example)
MODEL NO.
OUTPUT VOLTAGE (Vdc)
OUTPUT CURRENT (A)
TPES65-330800
3.3V
8.00A
TPES65-500750
5.0V
7.50A
TPES65-090670
9.0V
6.70A
TPES65-120520
12.0V
5.20A
TPES65-150430
15.0V
4.30A
TPES65-180360
18.0V
3.60A
TPES65-196340
19.6V
3.40A
TPES65-240277
24.0V
2.77A
TPES65-360185
36.0V
1.85A
TPES65-480140
48.0V
1.40A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 320.0g (11.30 Oz.)


Podobny numer części - TPES65-150430

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61-10 TOTAL-POWER-TPES61-10 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61-11 TOTAL-POWER-TPES61-11 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61-11A TOTAL-POWER-TPES61-11A Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61-12 TOTAL-POWER-TPES61-12 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Podobny opis - TPES65-150430

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com