Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPHPU32A-107 Arkusz danych(PDF) 1 Page - Total Power International

Numer części TPHPU32A-107
Szczegółowy opis  Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPHPU32A-107 Arkusz danych(HTML) 1 Page - Total Power International

  TPHPU32A-107 Datasheet HTML 1Page - Total Power International TPHPU32A-107 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
Features:
WideOperatingVoltage90to264VAC,47to63Hz
IEC-320-C18InputInlet
SingleOutput
OverVoltageandOverLoadprotection
ANSI/AAMIES60601-1:2005(UL/cUL 3rdEdition)
EN60601-1:2006(TUV/T-mark3rdEdition)
InputtoOutput:2MOPP
EnergyStar2.0,EfficiencylevelV
ClassII
2yearwarranty
ElectricalCharacteristics:
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
-BloodPressuresystem
-Portablemedicaldevices
-ECGmachine
fin
Po
Vo
Io
Iil
Iih
Ir
InputFrequency
OutputPowerRange
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
TC
OA
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Operating Altitude
Ripple&Noise(PeaktoPeak)
Pno
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat40°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C
CalculatedperMIL-HDBK-217F
,
°
No-LoadPowerConsumption
Vps
100~240VAC
90~264VAC
Seeratingchart
Seeratingchart
Seeratingchart
0.6A
0.4A
47~63Hz
28A (max.)
56A (max.)
73.5~85%
±0.04%/°C
112~132%
110~150%
0.3~2S
12mS(min.)
1% (max.)
Upto3000m
1%(max.)
5% (max.)
4mS(max.)
Seeratingchart
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcrve
6284VDC (min.)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Alloutput
Noload,Vin=230VAC
Primarytosecondary
DielectricWithstandingVoltage
TPHPU32A SERIES
Note: Thespecificsfortestingtheenergyefficiencyof
TPHPU32Series areoutlinedinaseparatedocumenttitled
"TestMethodforCalculating theEnergyEfficiencyofSingle-VoltageExternal Ac-Dcand Ac-Ac PowerSupplies
(August11,2004),"whichis availableonthe ENERGY STAR Website.
30WDeskTopType
MedicalPowerSupplies
RoHS
2002/95/EC
COMPLIANT
S
E
P
RT
EN 60601-1
IEC 60601-1
Tota
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(U.S.) PH# (978) 453-7272
www.total-power.com
sales@total-power.com


Podobny numer części - TPHPU32A-107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPHPU15 TOTAL-POWER-TPHPU15 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
TPHPU15-101 TOTAL-POWER-TPHPU15-101 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
TPHPU15-102 TOTAL-POWER-TPHPU15-102 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
TPHPU15-103 TOTAL-POWER-TPHPU15-103 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
TPHPU15-104 TOTAL-POWER-TPHPU15-104 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
More results

Podobny opis - TPHPU32A-107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPHPU63A TOTAL-POWER-TPHPU63A Datasheet
340Kb / 2P
   Medical Power Supplies
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
   450 WATT MEDICAL POWER SUPPLIES
logo
Sparkle Power Inc.
FSP500-80MPD SPI-FSP500-80MPD Datasheet
120Kb / 1P
   500 Watts MEDICAL POWER SUPPLIES
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
   350 Watts MEDICAL POWER SUPPLIES
logo
Tumbler Technologies + ...
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
   110 WATT MEDICAL POWER SUPPLIES
logo
Sparkle Power Inc.
FSP600-90MPB SPI-FSP600-90MPB Datasheet
120Kb / 1P
   600 Watts MEDICAL POWER SUPPLIES
FSP300-70MU SPI-FSP300-70MU Datasheet
116Kb / 1P
   300 Watts MEDICAL POWER SUPPLIES
logo
Tumbler Technologies + ...
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
   300 WATT MEDICAL POWER SUPPLIES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com