Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5341 Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SI5341
Szczegółowy opis  LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SI5341 Datasheet HTML 5Page - Silicon Laboratories SI5341 Datasheet HTML 6Page - Silicon Laboratories SI5341 Datasheet HTML 7Page - Silicon Laboratories SI5341 Datasheet HTML 8Page - Silicon Laboratories SI5341 Datasheet HTML 9Page - Silicon Laboratories SI5341 Datasheet HTML 10Page - Silicon Laboratories SI5341 Datasheet HTML 11Page - Silicon Laboratories SI5341 Datasheet HTML 12Page - Silicon Laboratories SI5341 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Si5341/40
Rev. 1.0
9
Table 5. Differential Clock Output Specifications
(VDD = 1.8 V ±5%, VDDA =3.3 V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Output Frequency
fOUT
0.0001
712.5
MHz
Duty Cycle
DC
fOUT < 400 MHz
48
52
%
400 MHz < fOUT <
712.5 MHz
45
55
%
Output-Output Skew
TSK
Outputs on same Multisynth,
Normal Mode
—20
50
ps
Outputs on same Multisynth,
Pow Power Mode
—20
100
ps
OUT-OUT Skew
TSK_OUT Measured from the positive
to negative output pins
—0
100
ps
Output Amplitude1, 5
Normal Mode
VOUT
VDDO =3.3 V,
2.5 V, or 1.8 V
LVDS
350
470
550
mVpp_se
VDDO =3.3 V
or 2.5 V
LVPECL
660
810
1000
Low Power Mode
VOUT
VDDO =3.3 V,
2.5 V, or 1.8 V
LVDS
300
420
530
mVpp_se
VDDO =3.3 V
or 2.5 V
LVPECL
620
820
1060
Notes:
1. The typical normal mode (or low power mode) LVDS maximum is 100 mV (or 80 mV) higher than the TIA/EIA-644
maximum. For normal and low-power modes, the amplitudes are programmable through register settings and can be
stored in NVM. Each output driver can be programmed independently. See Appendix A of the Si5341/40 Reference
Manual.
2. Driver output impedance depends on selected output mode (Normal, Low Power).
3. Measured for 156.25 MHz carrier frequency. Sinewave noise added to VDDO (1.8 V = 50 mVpp, 2.5 V/
3.3 V = 100 mVpp) and noise spur amplitude measured.
4. Measured across two adjacent outputs, both in LVDS mode, with the victim running at 155.52 MHz and the aggressor
at 156.25 MHz. Refer to application note, “AN862: Optimizing Si534x Jitter Performance in Next Generation Internet
Infrastructure Systems”, guidance on crosstalk minimization.
5. For other amplitudes see Appendix A of the Si5341/40 Reference Manual.
6. See Note 4, but in this case the measurement is across two output clocks that have a single clock between them.
7. Same as Note 4, but the Si5340 has less crosstalk due to the spacing of adjacent outputs.
OUTx
OUTx
Vpp_se
Vpp_se
Vpp_diff = 2*Vpp_se
Vcm
Vcm


Podobny numer części - SI5341

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
Si5341-D-EVB SILABS-Si5341-D-EVB Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5341-D-EVB SKYWORKS-SI5341-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
More results

Podobny opis - SI5341

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341 SILABS-SI5341_16 Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com