Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5342 Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI5342
Szczegółowy opis  10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5342 Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI5342 Datasheet HTML 1Page - Silicon Laboratories SI5342 Datasheet HTML 2Page - Silicon Laboratories SI5342 Datasheet HTML 3Page - Silicon Laboratories SI5342 Datasheet HTML 4Page - Silicon Laboratories SI5342 Datasheet HTML 5Page - Silicon Laboratories SI5342 Datasheet HTML 6Page - Silicon Laboratories SI5342 Datasheet HTML 7Page - Silicon Laboratories SI5342 Datasheet HTML 8Page - Silicon Laboratories SI5342 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Rev. 1.0 7/15
Copyright © 2015 by Silicon Laboratories
Si5345/44/42
Si5345/44/42
10-C HANNEL, A NY-F REQUENCY, A NY-O UTPUT J ITTER
A TTENUATOR/C LOCK M ULTIPLIER
Features
Device Selector Guide
Applications
Description
These jitter attenuating clock multipliers combine fourth-generation DSPLL and
MultiSynth™ technologies to enable any-frequency clock generation and jitter
attenuation for applications requiring the highest level of jitter performance. These
devices are programmable via a serial interface with in-circuit programmable non-
volatile memory (NVM) so they always power up with a known frequency configuration.
They support free-run, synchronous, and holdover modes of operation, and offer both
automatic and manual input clock switching. The loop filter is fully integrated on-chip,
eliminating the risk of noise coupling associated with discrete solutions. Further, the
jitter attenuation bandwidth is digitally programmable, providing jitter performance
optimization at the application level. Programming the Si5345/44/42 is easy with Silicon
Labs’ ClockBuilder Pro software. Factory preprogrammed devices are also available.
Generates any combination of output
frequencies from any input frequency
Input frequency range:

Differential: 8 kHz to 750 MHz

LVCMOS: 8 kHz to 250 MHz
Output frequency range:

Differential: up to 712.5 MHz

LVCMOS: up to 250 MHz
Ultra-low jitter:
<100 fs typ (12 kHz–20 MHz)
Programmable jitter attenuation
bandwidth from 0.1 Hz to 4 kHz
Meets G.8262 EEC Opt 1, 2 (SyncE)
Highly configurable outputs compatible
with LVDS, LVPECL, LVCMOS, CML,
and HCSL with programmable signal
amplitude
Status monitoring (LOS, OOF, LOL)
Hitless input clock switching: automatic
or manual
Locks to gapped clock inputs
Automatic free-run and holdover
modes
Optional zero delay mode
Fastlock feature for low nominal
bandwidths
Glitchless on the fly output frequency
changes
DCO mode: as low as 0.001 ppb steps.
Core voltage

VDD: 1.8 V ±5%

VDDA: 3.3 V ±5%
Independent output clock supply pins:
3.3 V, 2.5 V, or 1.8 V
Output-output skew: 20 ps typ
Serial interface: I2C or SPI
In-circuit programmable with
non-volatile OTP memory
ClockBuilder ProTM software simplifies
device configuration
Si5345: 4 input, 10 output, 64 QFN
Si5344: 4 input, 4 output, 44 QFN
Si5342: 4 input, 2 output, 44 QFN
Temperature range: –40 to +85 °C
Pb-free, RoHS-6 compliant
Grade
Max Output Frequency
Frequency Synthesis Modes
Si534fA
712.5 MHz
Integer+Fractional
Si534fB
350 MHz
Integer+Fractional
Si534fC
712.5 MHz
Integer
Si534fD
350 MHz
Integer
OTN Muxponders and Transponders
10/40/100G networking line cards
GbE/10GbE/100GbE Synchronous
Ethernet (ITU-T G.8262)
Carrier Ethernet switches
SONET/SDH Line Cards
Broadcast video
Test and measurement
ITU-T G.8262 (SyncE) Compliant
Functional Block Diagram
Ordering Information:
See section 8


Podobny numer części - SI5342

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5342 SILABS-Si5342 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5342 SKYWORKS-SI5342 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
logo
Silicon Laboratories
Si5342-D-EVB SILABS-Si5342-D-EVB Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5342-D-EVB SKYWORKS-SI5342-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
logo
Silicon Laboratories
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
More results

Podobny opis - SI5342

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com