Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5350B-B Arkusz danych(PDF) 4 Page - Silicon Laboratories

Numer części SI5350B-B
Szczegółowy opis  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5350B-B Arkusz danych(HTML) 4 Page - Silicon Laboratories

  SI5350B-B Datasheet HTML 1Page - Silicon Laboratories SI5350B-B Datasheet HTML 2Page - Silicon Laboratories SI5350B-B Datasheet HTML 3Page - Silicon Laboratories SI5350B-B Datasheet HTML 4Page - Silicon Laboratories SI5350B-B Datasheet HTML 5Page - Silicon Laboratories SI5350B-B Datasheet HTML 6Page - Silicon Laboratories SI5350B-B Datasheet HTML 7Page - Silicon Laboratories SI5350B-B Datasheet HTML 8Page - Silicon Laboratories SI5350B-B Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Si5350B-B
4
Rev. 1.0
1. Electrical Specifications
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
25
85
°C
Core Supply Voltage
VDD
3.0
3.3
3.60
V
2.25
2.5
2.75
V
Output Buffer Voltage
VDDOx
1.71
1.8
1.89
V
2.25
2.5
2.75
3.0
3.3
3.60
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted. VDD
and VDDOx can be operated at independent voltages. Power supply sequencing for VDD and VDDOx requires that all
VDDOx be powered up either before or at the same time as VDD.
Table 3. DC Characteristics
(VDD = 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Core Supply Current*
IDD
Enabled 3 outputs
20
30
mA
Enabled 8 outputs
25
40
mA
Power Down (PDN = VDD)—
50
µA
Output Buffer Supply Current
(Per Output)*
IDDOx
CL =5pF
2.2
5.6
mA
Input Current
IP0-P3
Pins P0, P1, P2, P3
VP0-P3 < 3.6 V
——
10
µA
IVC
VC
30
µA
Output Impedance
ZOI
3.3 V VDDO, default high
drive
—50
*Note: Output clocks less than or equal to 100 MHz.


Podobny numer części - SI5350B-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5350B-B SILABS-Si5350B-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results

Podobny opis - SI5350B-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com