Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5351A-B-GT Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części SI5351A-B-GT
Szczegółowy opis  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5351A-B-GT Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button SI5351A-B-GT Datasheet HTML 3Page - Silicon Laboratories SI5351A-B-GT Datasheet HTML 4Page - Silicon Laboratories SI5351A-B-GT Datasheet HTML 5Page - Silicon Laboratories SI5351A-B-GT Datasheet HTML 6Page - Silicon Laboratories SI5351A-B-GT Datasheet HTML 7Page - Silicon Laboratories SI5351A-B-GT Datasheet HTML 8Page - Silicon Laboratories SI5351A-B-GT Datasheet HTML 9Page - Silicon Laboratories SI5351A-B-GT Datasheet HTML 10Page - Silicon Laboratories SI5351A-B-GT Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Si5350B-B
Rev. 1.0
7
Table 7. 25 MHz Crystal Requirements1,2
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
—25—
MHz
Load Capacitance
CL
6—
12
pF
Equivalent Series Resistance
rESR
——
150
Crystal Max Drive Level
dL
100
µW
Notes:
1. Crystals which require load capacitances of 6, 8, or 10 pF should use the device’s internal load capacitance for
optimum performance. See register 183 bits 7:6. A crystal with a 12 pF load capacitance requirement should use a
combination of the internal 10 pF load capacitance in addition to external 2 pF load capacitance (e.g., by using 4 pF
capacitors on XA and XB).
2. Refer to “AN551: Crystal Selection Guide” for more details.
Table 8. 27 MHz Crystal Requirements1,2
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
—27—
MHz
Load Capacitance
CL
6—
12
pF
Equivalent Series Resistance
rESR
——
150
Crystal Max Drive Level Spec
dL
100
µW
Notes:
1. Crystals which require load capacitances of 6, 8, or 10 pF should use the device’s internal load capacitance for
optimum performance. See register 183 bits 7:6. A crystal with a 12 pF load capacitance requirement should use a
combination of the internal 10 pF load capacitance in addition to external 2 pF load capacitance (e.g., by using 4 pF
capacitors on XA and XB).
2. Refer to “AN551: Crystal Selection Guide” for more details.


Podobny numer części - SI5351A-B-GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5351A-B-GT SILABS-SI5351A-B-GT Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5351A-B-GT SILABS-SI5351A-B-GT Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Si5351A-B-GT SILABS-Si5351A-B-GT Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351A-B-GT SKYWORKS-SI5351A-B-GT Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
SI5351A-B-GT SKYWORKS-SI5351A-B-GT Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
More results

Podobny opis - SI5351A-B-GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com