Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7015-A20 Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI7015-A20
Szczegółowy opis  DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7015-A20 Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI7015-A20 Datasheet HTML 1Page - Silicon Laboratories SI7015-A20 Datasheet HTML 2Page - Silicon Laboratories SI7015-A20 Datasheet HTML 3Page - Silicon Laboratories SI7015-A20 Datasheet HTML 4Page - Silicon Laboratories SI7015-A20 Datasheet HTML 5Page - Silicon Laboratories SI7015-A20 Datasheet HTML 6Page - Silicon Laboratories SI7015-A20 Datasheet HTML 7Page - Silicon Laboratories SI7015-A20 Datasheet HTML 8Page - Silicon Laboratories SI7015-A20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Rev. 1.0 1/15
Copyright © 2015 by Silicon Laboratories
Si7015-A20
Si7015-A20
D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
Features
Applications
Description
The Si7015 I2C Humidity and Temperature Sensor is a monolithic CMOS
IC integrating humidity and temperature sensor elements, an analog-to-
digital converter, signal processing, calibration data, and an I2C Interface.
The patented use of industry-standard, low-K polymeric dielectrics for
sensing humidity enables the construction of low-power, monolithic
CMOS Sensor ICs with low drift and hysteresis and excellent long term
stability.
Each unit is factory-calibrated, and the calibration data is stored in the on-
chip non-volatile memory. This ensures that the sensors are fully
interchangeable, with no recalibration or software changes required. The
Si7015 can be used as a drop-in upgrade for the Si7005 with only minor
software changes because the register sets are the same, and the
4x4 mm QFN package is footprint-compatible with that of the Si7005.
The device is compatible with standard SMT assembly processes, such
as reflow. The optional factory-installed cover offers a low profile and
convenient means of protecting the sensor during assembly (e.g., reflow
soldering) and throughout the life of the product, excluding liquids
(hydrophobic/oleophobic) and particulates.
The Si7015 offers an accurate, low-power, factory-calibrated digital
solution ideal for measuring humidity, dew-point, and temperature in
applications ranging from HVAC/R and asset tracking to industrial and
consumer platforms.
Precision Relative Humidity Sensor

± 4.5% RH (max), 0–80% RH
High-Accuracy Temperature Sensor

±1 ºC (max), –10 to 85 °C
0 to 100% RH operating range
0 to +70 °C operating range (FM)
–40 to +85 °C operating range (GM)
Low Voltage Operation (1.9 to 3.6 V)
Low Power Consumption

150 µA active current

60 nA standby current
Drop-In Upgrade for Si7005
Factory-calibrated
I2C Interface
Integrated on-chip heater
4x4 mm QFN package
Excellent long term stability
Optional factory-installed
cover

Low-profile

Protection during reflow

Excludes liquids and
particulates
HVAC/R
Thermostats/humidistats
Instrumentation
White goods
Micro-environments/data centers
Industrial controls
Weather stations
Asset tracking and storage
Patent protected; patents pending
Ordering Information
See page 31.
Pin Assignments
1
6
5
4
3
2
18
13
14
15
16
17
GND
DNC
DNC
SDA
SCL
DNC
DNC
DNC
CS
DNC
DNC
DNC


Podobny numer części - SI7015-A20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
Si7015-A10-FM SILABS-Si7015-A10-FM Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7015-A10-FM1 SILABS-Si7015-A10-FM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7015-A10-GM SILABS-Si7015-A10-GM Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7015-A10-GM1 SILABS-Si7015-A10-GM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Podobny opis - SI7015-A20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com