Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7034-A10 Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI7034-A10
Szczegółowy opis  DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7034-A10 Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI7034-A10 Datasheet HTML 1Page - Silicon Laboratories SI7034-A10 Datasheet HTML 2Page - Silicon Laboratories SI7034-A10 Datasheet HTML 3Page - Silicon Laboratories SI7034-A10 Datasheet HTML 4Page - Silicon Laboratories SI7034-A10 Datasheet HTML 5Page - Silicon Laboratories SI7034-A10 Datasheet HTML 6Page - Silicon Laboratories SI7034-A10 Datasheet HTML 7Page - Silicon Laboratories SI7034-A10 Datasheet HTML 8Page - Silicon Laboratories SI7034-A10 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Si7034-A10
Rev. 1.0
5
Conversion Time
tCONV
Normal Mode, RH conversion1
5.8
8.5
ms
Normal Mode, Temperature conversion1
3.7
6
ms
Fast Mode, parallel Temp and RH conver-
sion2
0.9
1.5
ms
Fast Mode, additional RH conversion
time4
1.6
2.5
ms
Powerup Time
tPU
From VDD ≥ 1.67 V to ready for a
conversion, 25 °C
10
15
ms
From VDD ≥ 1.67 V to ready for a
conversion, full temperature range
50
ms
After issuing a software reset
command
—1.2
2.0
ms
Table 3. I2C Interface Specifications1
1.67
≤ VDD ≤ 1.98 V; TA = –40 to +125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Hysteresis
VHYS
High-to-low versus
low-to-high transition
0.05 x VDD
——
V
SCLK Frequency2
fSCL
400
kHz
SCL High Time
tSKH
0.6
µs
SCL Low Time
tSKL
1.3
µs
Start Hold Time
tSTH
0.6
µs
Notes:
1.
All values are referenced to VIL and/or VIH.
2.
Depending on the conversion command, the Si7034 may hold the master during the conversion (clock stretch). At
above 300 kHz SCL, the Si7034 may hold the master briefly for user register and device ID transactions. At the highest
I2C speed of 400 kHz the stretching will be <50 µs.
3.
Pulses up to and including 50 ns will be suppressed.
Table 2. General Specifications (Continued)
1.67
≤ VDD ≤ 1.98 V; TA = –40 to +125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
In Normal Mode, a temperature conversion is performed first, followed by an RH conversion.
2.
In Fast Mode, both a temperature conversion and an RH conversion are initiated at the same time and occur in parallel.
3.
Current consumption of RH conversion after the temperature conversion has finished. In Fast Mode, the temperature
conversion finishes before the RH conversion.
4.
Additional time for RH conversion after the temperature conversion has finished.
5.
No conversion or I2C transaction in progress. Typical values measured at 25 °C.
6.
Occurs once during powerup. Duration is <5 msec.
7.
Occurs during I2C commands for Reset, Read/Write User Registers, Read EID, and Read Firmware Version. Duration
is <100 μs when I2C clock speed is >100 kHz (>200 kHz for 2-byte commands).
8.
IDD after a user register write. Initiating any other subsequent I2C transaction on the same bus (such as a user register
read, starting an RH measurement, or traffic directed at other I2C devices) will transition the device to standby mode.
9.
Additional current consumption when HTRE bit enabled.


Podobny numer części - SI7034-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si7034-A10-IM SILABS-Si7034-A10-IM Datasheet
538Kb / 29P
   Mobile smartphones and tablets
Si7034-A10-IMR SILABS-Si7034-A10-IMR Datasheet
538Kb / 29P
   Mobile smartphones and tablets
More results

Podobny opis - SI7034-A10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com