Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7020-A20-IMR Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI7020-A20-IMR
Szczegółowy opis  IC HUMIDITY AND TEMPERATURE SENSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7020-A20-IMR Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI7020-A20-IMR Datasheet HTML 1Page - Silicon Laboratories SI7020-A20-IMR Datasheet HTML 2Page - Silicon Laboratories SI7020-A20-IMR Datasheet HTML 3Page - Silicon Laboratories SI7020-A20-IMR Datasheet HTML 4Page - Silicon Laboratories SI7020-A20-IMR Datasheet HTML 5Page - Silicon Laboratories SI7020-A20-IMR Datasheet HTML 6Page - Silicon Laboratories SI7020-A20-IMR Datasheet HTML 7Page - Silicon Laboratories SI7020-A20-IMR Datasheet HTML 8Page - Silicon Laboratories SI7020-A20-IMR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Si7020-A20
Rev. 1.1
5
Conversion Time1
tCONV
12-bit RH
10
12
ms
11-bit RH
5.8
7
10-bit RH
3.7
4.5
8-bit RH
2.6
3.1
14-bit temperature
7
10.8
13-bit temperature
4
6.2
12-bit temperature
2.4
3.8
11-bit temperature
1.5
2.4
Powerup Time
tPU
From VDD ≥ 1.9 V to ready for a
conversion, 25 °C
—18
25
ms
From VDD ≥ 1.9 V to ready for a
conversion, full temperature range
——
80
After issuing a software reset
command
—5
15
Table 2. General Specifications (Continued)
1.9 < VDD < 3.6 V; TA = –40 to 85 °C (G grade) or –40 to 125 °C (I/Y grade); default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
Initiating a RH measurement will also automatically initiate a temperature measurement. The total conversion time will
be tCONV(RH) + tCONV(T).
2.
No conversion or I2C transaction in progress. Typical values measured at 25 °C.
3.
Occurs once during powerup. Duration is <5 msec.
4.
Occurs during I2C commands for Reset, Read/Write User Registers, Read EID, and Read Firmware Version. Duration is
<100 µs when I2C clock speed is >100 kHz (>200 kHz for 2-byte commands).
5.
Additional current consumption when HTRE bit enabled. See Section “5.5. Heater” for more information.


Podobny numer części - SI7020-A20-IMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si7020-A20-IMR SILABS-Si7020-A20-IMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Podobny opis - SI7020-A20-IMR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
   Humidity and Temperature Sensor IC
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
   Humidity and Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com