Zakładka z wyszukiwarką danych komponentów |
|
SI7054-A20 Arkusz danych(PDF) 5 Page - Silicon Laboratories |
|
SI7054-A20 Arkusz danych(HTML) 5 Page - Silicon Laboratories |
5 / 26 page Si7050/3/4/5-A20 Rev. 1.0 5 Table 3. I2C Interface Specifications1 1.9 ≤ VDD ≤ 3.6 V; TA = –40 to +125 °C unless otherwise noted. Parameter Symbol Test Condition Min Typ Max Unit Hysteresis VHYS High-to-low versus low-to- high transition 0.05 x VDD —— V SCLK Frequency2 fSCL — — 400 kHz SCL High Time tSKH 0.6 — — µs SCL Low Time tSKL 1.3 — — µs Start Hold Time tSTH 0.6 — — µs Start Setup Time tSTS 0.6 — — µs Stop Setup Time tSPS 0.6 — — µs Bus Free Time tBUF Between Stop and Start 1.3 — — µs SDA Setup Time tDS 100 — — ns SDA Hold Time tDH 100 — — ns SDA Valid Time tVD;DAT From SCL low to data valid — — 0.9 µs SDA Acknowledge Valid Time tVD;ACK From SCL low to data valid — — 0.9 µs Suppressed Pulse Width3 tSPS 50 — — ns Notes: 1. All values are referenced to VIL and/or VIH. 2. Depending on the conversion command, the Si705x may hold the master during the conversion (clock stretch). At above 100 kHz SCL, the Si705x may also hold the master briefly for user register and device ID transactions. At the highest I2C speed of 400 kHz the stretching will be <10 µs. 3. Pulses up to and including 50 ns will be suppressed. |
Podobny numer części - SI7054-A20 |
|
Podobny opis - SI7054-A20 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |