Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7054-A20 Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części SI7054-A20
Szczegółowy opis  IC TEMPERATURE SENSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7054-A20 Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button SI7054-A20 Datasheet HTML 7Page - Silicon Laboratories SI7054-A20 Datasheet HTML 8Page - Silicon Laboratories SI7054-A20 Datasheet HTML 9Page - Silicon Laboratories SI7054-A20 Datasheet HTML 10Page - Silicon Laboratories SI7054-A20 Datasheet HTML 11Page - Silicon Laboratories SI7054-A20 Datasheet HTML 12Page - Silicon Laboratories SI7054-A20 Datasheet HTML 13Page - Silicon Laboratories SI7054-A20 Datasheet HTML 14Page - Silicon Laboratories SI7054-A20 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Si7050/3/4/5-A20
Rev. 1.0
11
4. Functional Description
Figure 3. Si705x Block Diagram
The Si705x Digital Temperature Sensors offer industry-leading low power consumption and high accuracy across
the entire operating voltage and temperature range. These monolithic CMOS ICs feature a band-gap temperature
sensor element, an analog-to-digital converter with up to 14-bit resolution, signal processing, calibration data, and
an I2C interface. The patented use of novel signal processing and analog design enables the sensors to maintain
their accuracy over a wide temperature and voltage range, while consuming very little current.
The temperature sensors are factory-calibrated and the calibration data is stored in the on-chip non-volatile
memory. This ensures that the sensors are fully interchangeable, with no recalibration or software changes
required.
The Si705x devices are available in a 3x3 mm DFN package, and the industry-standard I2C interface can operate
at up to 400 kHz. Requiring just 195nA of average current when sampled once per second, the Si705x can operate
for several years with just a single coin cell battery.
The Si705x devices offer an accurate, low-power, factory-calibrated digital solution ideal for measuring
temperature in applications ranging from HVAC/R and asset tracking to industrial and consumer platforms.
ADC
GND
SCL
Si705x
Temp
Sensor
SDA
Vdd
I2C Interface
1.25V
Ref
Voltage
Regulator
Calibration
Memory
Control Logic


Podobny numer części - SI7054-A20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si7054-A20-IM SILABS-Si7054-A20-IM Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7054-A20-IM SILABS-SI7054-A20-IM Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
Si7054-A20-IMR SILABS-Si7054-A20-IMR Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7054-A20-IMR SILABS-SI7054-A20-IMR Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
Si7054-A20-YM0 SILABS-Si7054-A20-YM0 Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Podobny opis - SI7054-A20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com