Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8050CA-B-IU Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SI8050CA-B-IU
Szczegółowy opis  1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8050CA-B-IU Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SI8050CA-B-IU Datasheet HTML 5Page - Silicon Laboratories SI8050CA-B-IU Datasheet HTML 6Page - Silicon Laboratories SI8050CA-B-IU Datasheet HTML 7Page - Silicon Laboratories SI8050CA-B-IU Datasheet HTML 8Page - Silicon Laboratories SI8050CA-B-IU Datasheet HTML 9Page - Silicon Laboratories SI8050CA-B-IU Datasheet HTML 10Page - Silicon Laboratories SI8050CA-B-IU Datasheet HTML 11Page - Silicon Laboratories SI8050CA-B-IU Datasheet HTML 12Page - Silicon Laboratories SI8050CA-B-IU Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Si80xx
Rev. 1.0
9
3. Device Operation
Device behavior during start-up, normal operation, and shutdown is shown in Figure 5, where UVLO+ and UVLO-
are the positive-going and negative-going thresholds respectively. Refer to Table 5 to determine outputs when
power supply (VDD) is not present. Additionally, refer to Table 6 for logic conditions when enable pins are used.
Table 5. Si80xx Logic Operation
VI
Input1,2
EN
Input1,2,3,4
VDDI
State1,5,6
VDDO
State1,5,6
VO Output1,2
Comments
H
H or NC
P
P
H
Enabled, normal operation.
LH or NC
P
P
L
X7
L
P
P
Hi-Z8
Disabled.
X7
H or NC
UP
P
L9
H9
Upon transition of VDDI from unpowered to pow-
ered, VO returns to the same state as VI after Start-
up Time, tSU
X7
L
UP
P
Hi-Z8
Disabled.
X7
X7
P
UP
Undetermined Upon transition of VDDO from unpowered to pow-
ered, VO returns to the same state as VI after Start-
up Time, tSU, if EN is in either the H or NC state.
Upon transition of VDDO from unpowered to pow-
ered, VO returns to Hi-Z after Start-up Time, tSU, if
EN is L.
Notes:
1. VDDI and VDDO are the input and output power supplies. VI and VO are the respective input and output terminals. EN
is the enable control input located on the same output side.
2. X = not applicable; H = Logic High; L = Logic Low; Hi-Z = High Impedance.
3. It is recommended that the enable inputs be connected to an external logic high or low level when the Si80xx is
operating in noisy environments.
4. No Connects are not internally connected and can be left floating, tied to VDD, or tied to GND.
5. “Powered” state (P) is defined as 3.15 V < VDD < 5.5 V.
6. “Unpowered” state (UP) is defined as VDD = 0 V.
7. Note that an I/O can power the die for a given side through an internal diode if its source has adequate current.
8. When using the enable pin (EN) function, the output pin state is driven into a high-impedance state when the EN pin is
disabled (EN = 0).
9. See "9. Ordering Guide" on page 18 for details. This is the selectable fail-safe operating mode (ordering option). Some
devices have default output state = H, and some have default output state = L, depending on the ordering part number
(OPN). For default high devices, the data channels have pull-ups on inputs/outputs. For default low devices, the data
channels have pull-downs on inputs/outputs.


Podobny numer części - SI8050CA-B-IU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI8050AA-B-IU SKYWORKS-SI8050AA-B-IU Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
More results

Podobny opis - SI8050CA-B-IU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
   1 kV, Dual Channel Digital Isolators
REV. A
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com