Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8715BC-A-IS Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI8715BC-A-IS
Szczegółowy opis  5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8715BC-A-IS Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI8715BC-A-IS Datasheet HTML 1Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 2Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 3Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 4Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 5Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 6Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 7Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 8Page - Silicon Laboratories SI8715BC-A-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Rev. 1.0 8/14
Copyright © 2014 by Silicon Laboratories
Si871x/2x
Si871x/2x
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Features
Applications
Safety Regulatory Approvals (Pending)
Description
The Si871x/2x isolators are pin-compatible, single-channel, drop-in
replacements for popular optocouplers with data rates up to 15 Mbps.
These devices isolate high-speed digital signals and offer performance,
reliability, and flexibility advantages not available with optocoupler
solutions. The Si871x/2x series is based on Silicon Labs' proprietary
CMOS isolation technology for low-power and high-speed operation and
are resistant to the wear-out effects found in optocouplers that degrade
performance with increasing temperature, forward current, and device
age. As a result, the Si871x/2x series offer longer service life and
dramatically higher reliability compared to optocouplers. Ordering options
include logic output with and without output enable options.
High Speed: dc to 15 Mbps
2.5 to 5.5 V logic output
Pin-compatible, drop-in upgrades for
popular high-speed digital
optocouplers
Performance and reliability
advantages vs. optocouplers

Resistant to temperature, age and
forward current effects

10x lower FIT rate for longer
service life

Higher common-mode transient
immunity: >50 kV/µs typical

Lower power and forward input
diode current
Wide range of product options

Inverting and non-inverting

Disable output high, low or tri-state
1 channel diode emulator input
Propagation delay 30 ns
Up to 5000 VRMS isolation
10 kV surge withstand capability
AEC-Q100 qualified
Wide operating temperature range

– 40 to +125 °C
RoHS-compliant packages

SOIC-8 (Narrow body)

DIP8 (Gull-wing)

SDIP6 (Stretched SO-6)
Industrial automation
Motor controls and drives
Isolated switch mode power supplies
Isolated data acquisition
Test and measurement equipment
UL 1577 recognized

Up to 5000 Vrms for 1 minute
CSA component notice 5A
approval

IEC 60950-1, 61010-1, 60601-1
(reinforced insulation)
VDE certification conformity

IEC60747-5-2/VDE0884-10
(basic/reinforced insulation)
CQC certification approval

GB4943.1
Patent pending
Pin Assignments:
See page 21
1
2
3
4
8
7
6
5
NC
ANODE
CATHODE
NC
VDD
NC
VO
SOIC-8, DIP8
Industry Standard Pinout
GND
UVLO
e
1
3
6
5
4
ANODE
CATHODE
VDD
VO
GND
SDIP6
Industry Standard Pinout
2
NC
UVLO
e
1
2
3
4
8
7
6
5
NC
ANODE
CATHODE
NC
VDD
EN
VO
SOIC-8, DIP8 with Output Enable
Industry Standard Pinout
GND
e
UVLO


Podobny numer części - SI8715BC-A-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si8715BC-A-IS SILABS-Si8715BC-A-IS Datasheet
1Mb / 35P
   Industrial automation
logo
Skyworks Solutions Inc.
SI8715BC-A-IS SKYWORKS-SI8715BC-A-IS Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
More results

Podobny opis - SI8715BC-A-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
   Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
M-System Co.,Ltd.
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
   Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
   Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com