Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5672R Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD5672R
Szczegółowy opis  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5672R Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD5672R Datasheet HTML 5Page - Analog Devices AD5672R Datasheet HTML 6Page - Analog Devices AD5672R Datasheet HTML 7Page - Analog Devices AD5672R Datasheet HTML 8Page - Analog Devices AD5672R Datasheet HTML 9Page - Analog Devices AD5672R Datasheet HTML 10Page - Analog Devices AD5672R Datasheet HTML 11Page - Analog Devices AD5672R Datasheet HTML 12Page - Analog Devices AD5672R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 9 of 34
DAISY-CHAIN AND READBACK TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 4 and
Figure 5. VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, VREF = 2.5 V. All specifications −40°C to +125°C, unless otherwise noted. Maximum
SCLK frequency is 25 MHz or 15 MHz at VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not
production tested.
Table 6.
1.8 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter
Min
Max
Min
Max
Unit
Description
t1
120
83.3
ns
SCLK Cycle Time
t2
33
25.3
ns
SCLK High Time
t3
2.8
3.25
ns
SCLK Low Time
t4
75
50
ns
SYNC to SCLK Falling Edge
t5
1.2
0.5
ns
Data Setup Time
t6
0.3
0.4
ns
Data Hold Time
t7
16.2
13
ns
SCLK Falling Edge to SYNC Rising Edge
t8
55.1
45
ns
Minimum SYNC High Time
t10
21.5
22.7
ns
SDO Data Valid from SCLK Rising Edge
t11
24.4
20.3
ns
SCLK Falling Edge to SYNC Rising Edge
t12
85.5
54
ns
SYNC Rising Edge to SCLK Rising Edge
Circuit Diagram and Daisy-Chain and Readback Timing Diagrams
200µA
IOL
200µA
IOH
VOH (MIN)
TO OUTPUT
PIN
20pF
CL
Figure 3. Load Circuit for Digital Output (SDO) Timing Specifications
t4
t5
t6
t8
SDO
SDI
SYNC
SCLK
48
24
DB23
DB0
DB23
DB0
DB23
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N + 1
INPUT WORD FOR DAC N
DB0
t11
t12
t10
Figure 4. Daisy-Chain Timing Diagram


Podobny numer części - AD5672R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5672R AD-AD5672R Datasheet
1Mb / 28P
   Easy implementation
More results

Podobny opis - AD5672R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com