Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7402-8BRIZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7402-8BRIZ
Szczegółowy opis  16-Bit, Isolated Sigma-Delta Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7402-8BRIZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7402-8BRIZ Datasheet HTML 5Page - Analog Devices AD7402-8BRIZ Datasheet HTML 6Page - Analog Devices AD7402-8BRIZ Datasheet HTML 7Page - Analog Devices AD7402-8BRIZ Datasheet HTML 8Page - Analog Devices AD7402-8BRIZ Datasheet HTML 9Page - Analog Devices AD7402-8BRIZ Datasheet HTML 10Page - Analog Devices AD7402-8BRIZ Datasheet HTML 11Page - Analog Devices AD7402-8BRIZ Datasheet HTML 12Page - Analog Devices AD7402-8BRIZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD7402
Rev. A | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VDD1 = 5 V, VDD2 = 5 V, using sinc3 filter with a 256 oversampling ratio (OSR), unless otherwise noted.
Figure 5. PSRR vs. Supply Ripple Frequency
Figure 6. CMRR vs. Common-Mode Ripple Frequency
Figure 7. SINAD vs. Analog Input Frequency
Figure 8. Fast Fourier Transform (FFT)
Figure 9. Typical DNL Error
Figure 10. Typical INL Error
SUPPLY RIPPLE FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
200mV p-p SINE WAVE ON VDD1
1nF DECOUPLING
10k
100k
1M
COMMON-MODE RIPPLE FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
10k
100k
1M
SINC3 OSR = 256 FILTER
UNFILTERED
ANALOG INPUT FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
5.5V
5V
4.5V
10
100
1k
FREQUENCY (kHz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
fIN = 35.8Hz
SNR = 87.4dB
SINAD = 86dB
THD = –92dB
CODE (k)
0
10
20
30
40
50
60
70
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
CODE (k)
0
10
20
30
40
50
60
70
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5


Podobny numer części - AD7402-8BRIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400 Datasheet
444Kb / 20P
   Isolated Sigma-Delta Modulator
REV. A
AD7400 AD-AD7400 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
AD7400 AD-AD7400 Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
More results

Podobny opis - AD7402-8BRIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7701 AD-ADUM7701 Datasheet
485Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
ADUM7702 AD-ADUM7702 Datasheet
493Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
AD7403 AD-AD7403 Datasheet
655Kb / 25P
   16-Bit, Isolated Sigma-Delta Modulator
ADUM7704 AD-ADUM7704 Datasheet
384Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
AD7405 AD-AD7405 Datasheet
367Kb / 20P
   16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface
Rev. A
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com