Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5462FBRUZ-RL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADG5462FBRUZ-RL7
Szczegółowy opis  User Defined Fault Protection and Detection,10RON, Quad Channel Protector
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5462FBRUZ-RL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADG5462FBRUZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 10Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 11Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 12Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 13Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ADG5462F
Data Sheet
Rev. B | Page 10 of 29
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Overvoltage Response Time, tRESPONSE
250
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 42
350
360
375
ns max
Overvoltage Recovery Time, tRECOVERY
1500
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 43
2000
2300
2700
ns max
Drain Pull-Up/Pull-Down Time Following
Overvoltage, tRESPONSE (DR)
4
µs typ
CL = 12 pF, see Figure 47
Interrupt Flag Response Time, tDIGRESP
85
115
ns typ
CL = 12 pF, see Figure 44
Interrupt Flag Recovery Time, tDIGREC
60
85
µs typ
CL = 12 pF, see Figure 45
600
ns typ
CL = 12 pF, RPULLUP = 1 kΩ, see Figure 46
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 39
Total Harmonic Distortion Plus Noise, THD + N
0.001
% typ
RL = 10 kΩ, VS = 18 V p-p,
f = 20 Hz to 20 kHz, see Figure 41
−3 dB Bandwidth
321
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 40
Insertion Loss
–0.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 40
CD (On), CS (On)
23
pF typ
VS = 18 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 39.6 V, VSS = 0 V,
digital inputs = 0 V, 5 V, or VDD
Normal Mode
IDD
0.9
mA typ
IPOSFV
0.1
mA typ
IDD + IPOSFV
1.2
1.3
mA max
IGND
0.4
mA typ
0.55
0.6
mA max
ISS
0.5
mA typ
INEGFV
0.1
mA typ
ISS + INEGFV
0.65
0.7
mA max
Fault Mode
VS = −40 V to +55 V
IDD
1.2
mA typ
IPOSFV
0.1
mA typ
IDD + IPOSFV
1.6
1.8
mA max
IGND
0.8
mA typ
1.0
1.1
mA max
ISS
0.5
mA typ
INEGFV
0.1
mA typ
ISS + INEGFV
1.0
1.8
mA max
VDD
8
V min
GND = 0 V
44
V max
GND = 0 V
1
Guaranteed by design; not subject to production test.
CONTINUOUS CURRENT PER CHANNEL, Sx OR Dx
Table 5.
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
16-Lead TSSOP
θJA = 112.6°C/W
83
59
39
mA max
VS = VSS + 4.5 V to VDD − 4.5 V
64
48
29
mA max
VS = VSS to VDD
16-Lead LFCSP
θJA = 30.4°C/W
152
99
61
mA max
VS = VSS + 4.5 V to VDD − 4.5 V
118
81
53
mA max
VS = VSS to VDD


Podobny numer części - ADG5462FBRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5462F AD-ADG5462F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
More results

Podobny opis - ADG5462FBRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5412F AD-ADG5412F Datasheet
581Kb / 28P
   Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5412BF AD-ADG5412BF Datasheet
583Kb / 28P
   Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5243F AD-ADG5243F Datasheet
635Kb / 30P
   User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
ADG5404F AD-ADG5404F Datasheet
560Kb / 30P
   Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
   Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
ADG5421F AD-ADG5421F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG7421F AD-ADG7421F Datasheet
1Mb / 30P
   Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
ADG5401F AD-ADG5401F Datasheet
566Kb / 32P
   Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com