Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG5462FBRUZ-RL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG5462FBRUZ-RL7
Szczegółowy opis  User Defined Fault Protection and Detection,10RON, Quad Channel Protector
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG5462FBRUZ-RL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG5462FBRUZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 10Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 11Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 12Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 13Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 14Page - Analog Devices ADG5462FBRUZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
ADG5462F
Rev. B | Page 11 of 29
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
−48 V to +0.3 V
POSFV to GND
−0.3 V to VDD + 0.3 V
NEGFV to GND
VSS − 0.3V to +0.3 V
Sx Pins to GND
−55 V to +55 V
Sx to VDD or VSS
80 V
VS to VD
80 V
Dx Pins1, 2 to GND
NEGFV − 0.7 V to POSFV +
0.7 V or 30 mA, whichever
occurs first
Digital Input (DR pin) to GND
GND − 0.7V to 48V or 30 mA,
whichever occurs first
Peak Current, Sx or Dx Pins
288 mA (pulsed at 1 ms,
10% duty cycle maximum)
Continuous Current, Sx or Dx Pins
Data3 + 15%
Digital Output (FF pin)
GND − 0.7 V to 6 V or 30 mA,
whichever occurs first
Dx Pins, Overvoltage State,
DR = GND, Load Current
1 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA
16-Lead TSSOP (4-Layer Board)
112.6°C/W
16-Lead LFCSP (4-Layer Board)
30.4°C/W
Reflow Soldering Peak
Temperature, Pb-Free
As per JEDEC J-STD-020
ESD (HBM: ESDA/JEDEC JS-001-2011)
Input/Output Port to Supplies
4 kV
Input/Output Port to
Input/Output Port
4 kV
All Other Pins
4 kV
1
Overvoltages at the Dx pins are clamped by internal diodes. Limit current to
the maximum ratings given.
2
POSFV and NEGFV must not exceed VDD and VSS, respectively.
3
See Table 5.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION


Podobny numer części - ADG5462FBRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5462F AD-ADG5462F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
More results

Podobny opis - ADG5462FBRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG5412F AD-ADG5412F Datasheet
581Kb / 28P
   Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5412BF AD-ADG5412BF Datasheet
583Kb / 28P
   Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5243F AD-ADG5243F Datasheet
635Kb / 30P
   User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
ADG5404F AD-ADG5404F Datasheet
560Kb / 30P
   Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
   Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
ADG5421F AD-ADG5421F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG7421F AD-ADG7421F Datasheet
1Mb / 30P
   Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
ADG5401F AD-ADG5401F Datasheet
566Kb / 32P
   Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com