Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP2230CP-EVALZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADP2230CP-EVALZ
Szczegółowy opis  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP2230CP-EVALZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADP2230CP-EVALZ Datasheet HTML 4Page - Analog Devices ADP2230CP-EVALZ Datasheet HTML 5Page - Analog Devices ADP2230CP-EVALZ Datasheet HTML 6Page - Analog Devices ADP2230CP-EVALZ Datasheet HTML 7Page - Analog Devices ADP2230CP-EVALZ Datasheet HTML 8Page - Analog Devices ADP2230CP-EVALZ Datasheet HTML 9Page - Analog Devices ADP2230CP-EVALZ Datasheet HTML 10Page - Analog Devices ADP2230CP-EVALZ Datasheet HTML 11Page - Analog Devices ADP2230CP-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADP2230
Data Sheet
Rev. A | Page 8 of 18
Figure 9. Line Regulation, VOUT = 1.2 V, Different Loads
Figure 10. Line Regulation, VOUT = 3.3 V, Different Loads
Figure 11. NMOS Drain-to-Source On Resistance (RDSON)
Figure 12. PMOS Drain-to-Source On Resistance (RDSON)
Figure 13. PMOS Current Limit vs. Input Voltage, Different Output Voltages
Figure 14. Load Transient Response, VOUT = 1.2 V, Auto Mode, 10 mA to 110 mA
1.14
1.16
1.18
1.20
1.22
1.24
2.3
3.3
4.3
5.3
6.3
INPUT VOLTAGE (V)
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 500mA
IOUT = 800mA
VOUT =1.2V
fSW =2MHz
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.64.14.65.15.66.1
INPUT VOLTAGE (V)
IOUT =1mA
IOUT = 10mA
IOUT =100mA
IOUT =500mA
IOUT =800mA
VOUT = 3.3V
fSW = 2MHz
0
100
200
300
400
500
600
2.3
3.3
4.3
5.3
6.3
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +125°C
0
100
200
300
400
500
600
2.3
3.3
4.3
5.3
6.3
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +125°C
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
2.3
3.3
4.3
5.3
6.3
INPUT VOLTAGE (V)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
1
4
LOAD CURRENT (50mA/DIV)
TIME (40µs/DIV)
OUTPUT VOLTAGE (50mA/DIV)
AC-COUPLED


Podobny numer części - ADP2230CP-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP223 AD-ADP223 Datasheet
750Kb / 24P
   Dual, 300 mA Output, Low Noise
REV. B
ADP223ACPZ-R7 AD-ADP223ACPZ-R7 Datasheet
750Kb / 24P
   Dual, 300 mA Output, Low Noise
REV. B
ADP223CP-EVALZ AD-ADP223CP-EVALZ Datasheet
750Kb / 24P
   Dual, 300 mA Output, Low Noise
REV. B
More results

Podobny opis - ADP2230CP-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV891930 ONSEMI-NCV891930 Datasheet
444Kb / 33P
   Low Quiescent Current 2 MHz Automotive Synchronous Buck Controller
May, 2020 ??Rev. 4
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
   Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
logo
Intersil Corporation
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com