Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP2389-EVALZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADP2389-EVALZ
Szczegółowy opis  18 V, 12 A Step-Down Regulator with Programmable Current Limit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP2389-EVALZ Arkusz danych(HTML) 4 Page - Analog Devices

  ADP2389-EVALZ Datasheet HTML 1Page - Analog Devices ADP2389-EVALZ Datasheet HTML 2Page - Analog Devices ADP2389-EVALZ Datasheet HTML 3Page - Analog Devices ADP2389-EVALZ Datasheet HTML 4Page - Analog Devices ADP2389-EVALZ Datasheet HTML 5Page - Analog Devices ADP2389-EVALZ Datasheet HTML 6Page - Analog Devices ADP2389-EVALZ Datasheet HTML 7Page - Analog Devices ADP2389-EVALZ Datasheet HTML 8Page - Analog Devices ADP2389-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADP2389/ADP2390
Data Sheet
SPECIFICATIONS
VPVIN = VVIN = 12 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless
otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Units
SUPPLY VOLTAGE (PVIN AND VIN)
PVIN Voltage Range
VPVIN
4.5
18
V
VIN Voltage Range
VVIN
4.5
18
V
Quiescent Current
IQ
No switching
1.16
1.5
mA
Shutdown Current
ISHDN
EN = GND
7.5
20
µA
VIN Undervoltage Lockout Threshold
UVLO
VIN rising
4.2
4.4
V
VIN falling
3.5
3.7
V
FEEDBACK (FB)
FB Regulation Voltage
VFB
0°C < TJ < 85°C
0.597
0.6
0.603
V
−40°C < TJ < +125°C
0.594
0.6
0.606
V
FB Bias Current
IFB
0.01
0.1
µA
ERROR AMPLIFIER (EA)
Transconductance
gm
450
500
550
µS
EA Source Current
ISOURCE
40
50
60
µA
EA Sink Current
ISINK
40
50
60
µA
INTERNAL REGULATOR (VREG)
VREG Voltage
VVREG
IVREG = 10 mA
4.8
5
5.2
V
Dropout Voltage
IVREG = 50 mA
355
mV
Regulator Current Limit
100
mA
SWITCH NODE (SW)
On Resistance1
High-Side
RDSON_H
VBOOT = 5 V
17
30
Low-Side
RDSON_L
VVREG = 5 V
4.5
9
SW Minimum On Time2
tMIN_ON
100
ns
SW Minimum Off Time2
tMIN_OFF
150
ns
CURRENT LIMIT
ILIM Voltage
VILIM
0.592
V
ILIM Current Range
IILIM
1.8
12
µA
High-Side Peak Current Limit
IOCP
RILIM = 59 kΩ
15
16.8
18.6
A
Low-Side Negative Current Limit2
4
A
BST
Bootstrap Voltage
VBOOT
4.6
5
5.4
V
OSCILLATOR (RT)
Switching Frequency
fSW
RT = 100 kΩ
540
600
660
kHz
Switching Frequency Range
200
2200
kHz
FAST TRANSIENT WINDOW (FTW)
Fast Transient Response Window
RFTW = 100 kΩ
±2
%
Minimum Fast Transient Response Window2
±1
%
SS
SS Pin Pull-Up Current
ISS
2.7
3.4
4.1
µA
Rev. 0 | Page 4 of 23


Podobny numer części - ADP2389-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP2380 AD-ADP2380 Datasheet
931Kb / 28P
   20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380-EVALZ AD-ADP2380-EVALZ Datasheet
931Kb / 28P
   20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380AREZ AD-ADP2380AREZ Datasheet
931Kb / 28P
   20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380AREZ-R7 AD-ADP2380AREZ-R7 Datasheet
931Kb / 28P
   20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
More results

Podobny opis - ADP2389-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MPQ8633A MPS-MPQ8633A Datasheet
1Mb / 23P
   16 V, 12 A, Synchronous Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
logo
Linear Technology
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
   2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
   1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
logo
Monolithic Power System...
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
logo
Texas Instruments
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com