Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP5300 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADP5300
Szczegółowy opis  50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP5300 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADP5300 Datasheet HTML 7Page - Analog Devices ADP5300 Datasheet HTML 8Page - Analog Devices ADP5300 Datasheet HTML 9Page - Analog Devices ADP5300 Datasheet HTML 10Page - Analog Devices ADP5300 Datasheet HTML 11Page - Analog Devices ADP5300 Datasheet HTML 12Page - Analog Devices ADP5300 Datasheet HTML 13Page - Analog Devices ADP5300 Datasheet HTML 14Page - Analog Devices ADP5300 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADP5300
Rev. 0 | Page 11 of 21
TEMPERATURE (°C)
–40
25
85
125
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
RISING
FALLING
Figure 22. UVLO Threshold, Rising and Falling vs. Temperature
CH4
140mA
4
1
2
CH2 2.00V
CH4 500mA
Ω
CH1 100mV
M 200µs
A
T 39.60%
VOUT
IL
SW
Figure 23. Steady Waveform of Hysteresis Mode, ILOAD = 1 mA
(IL is the Inductor Current)
CH1
1.22V
2
1
3
4
CH2 5.00V
CH4 500mA
Ω
CH1 1.00V
M 200µs
A
T 50.60%
CH3 2.00V
VIN
VOUT
IL
SW
Figure 24. Soft Start, ILOAD = 300 mA
(IL is the Inductor Current)
VIN (V)
2.3
2.9
3.5
4.1
4.7
5.3
5.9
6.5
1.7
1.8
1.9
2.0
2.1
2.2
2.3
–40ºC
+25ºC
+125ºC
Figure 25. Switching Frequency vs. VIN
CH2
2.72V
2
1
4
CH2 2.00V
CH4 200mA
Ω
CH1 10.0mV
M 400ns
A
T 90.60%
VOUT (AC)
IL
SW
Figure 26. Steady Waveform of PWM Mode, ILOAD = 300 mA
(IL is the Inductor Current)
2
1
4
VOUT
VIN
IL
SW
CH1
1.05V
CH2 5.00V
CH4 500mA
Ω
CH1 500mV
M 100µs
A
T 40.00%
CH3 2.00V
Figure 27. Soft Start with Precharge Function
(IL is the Inductor Current)


Podobny numer części - ADP5300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
ADP5301-EVALZ AD-ADP5301-EVALZ Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
ADP5301ACBZ-1-R7 AD-ADP5301ACBZ-1-R7 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
ADP5301ACBZ-2-R7 AD-ADP5301ACBZ-2-R7 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
ADP5301ACBZ-3-R7 AD-ADP5301ACBZ-3-R7 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
More results

Podobny opis - ADP5300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
ADP5303 AD-ADP5303 Datasheet
764Kb / 21P
   50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
Rev. B
ADP5302 AD-ADP5302 Datasheet
549Kb / 22P
   50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
Rev. B
logo
Texas Instruments
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
logo
National Semiconductor ...
LM2674 NSC-LM2674 Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
LM2674M TI-LM2674M Datasheet
1Mb / 31P
[Old version datasheet]   LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com