Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1262 Arkusz danych(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części ADS1262
Szczegółowy opis  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADS1262 Arkusz danych(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  ADS1262 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
ADS1262, ADS1263
www.ti.com
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
AIN8
Analog input/output
Analog input 8, IDAC1, IDAC2, GPIO5
2
AIN9
Analog input/output
Analog input 9, IDAC1, IDAC2, GPIO6
3
AINCOM
Analog input/output
Analog input common, IDAC1, IDAC2, GPIO7, VBIAS
4
CAPP
Analog output
PGA output P: connect a 4.7-nF C0G dielectric capacitor from CAPP to CAPN
5
CAPN
Analog output
PGA output N: connect a 4.7-nF C0G dielectric capacitor from CAPP to CAPN
6
AVDD
Analog
Positive analog power supply
7
AVSS
Analog
Negative analog power supply
8
REFOUT
Analog Output
Internal reference voltage output, connect 1-µF capacitor to AVSS
9
START
Digital Input
Start conversion control
10
CS
Digital Input
Serial interface chip select (active low)
11
SCLK
Digital Input
Serial interface shift clock
12
DIN
Digital Input
Serial interface data input
13
DOUT/DRDY
Digital output
Serial interface data output and data ready indicator (active low)
14
DRDY
Digital output
Data ready indicator (active low)
1) Internal oscillator: Connect to DGND
15
XTAL1/CLKIN
Digital Input
2) External clock: Connect clock input
3) Crystal oscillator: Connect to crystal and crystal load capacitor
1) Internal oscillator: No connection (float)
16
XTAL2
Digital Input
2) External clock: No connection (float)
3) Crystal oscillator: Connect to crystal and crystal load capacitor
17
BYPASS
Analog Output
2-V sub-regulator external bypass; connect 1-µF capacitor to DGND
18
DGND
Digital
Digital ground
19
DVDD
Digital
Digital power supply
20
RESET/PWDN
Digital input
Reset (active low); hold low to power down the ADC
21
AIN0
Analog input/output
Analog input 0, REFP1, IDAC1, IDAC2
22
AIN1
Analog input/output
Analog input 1, REFN1, IDAC1, IDAC2
23
AIN2
Analog input/output
Analog input 2 ,REFP2, IDAC1, IDAC2
24
AIN3
Analog input/output
Analog input 3, REFN2, IDAC1, IDAC2, GPIO0
25
AIN4
Analog input/output
Analog input 4, REFP3, IDAC1, IDAC2, GPIO1
26
AIN5
Analog input/output
Analog input 5, REFN3, IDAC1, IDAC2, GPIO2
27
AIN6
Analog input/output
Analog input 6, IDAC1, IDAC2, GPIO3, TDACP
28
AIN7
Analog input/output
Analog input 7, IDAC1, IDAC2, GPIO4, TDACN
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS1262 ADS1263


Podobny numer części - ADS1262

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
[Old version datasheet]   32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
ADS1262IPW TI1-ADS1262IPW Datasheet
2Mb / 133P
[Old version datasheet]   32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
ADS1262IPWR TI1-ADS1262IPWR Datasheet
2Mb / 133P
[Old version datasheet]   32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
More results

Podobny opis - ADS1262

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
[Old version datasheet]   32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com