Zakładka z wyszukiwarką danych komponentów |
|
54ACT825SD Arkusz danych(PDF) 4 Page - National Semiconductor (TI) |
|
|
54ACT825SD Arkusz danych(HTML) 4 Page - National Semiconductor (TI) |
4 / 8 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC) −0.5V to 7.0V DC Input Diode Current (I IK) V I = −0.5V −20 mA V I = VCC +0.5V +20 mA DC Input Voltage (V I) −0.5V to V CC +0.5V DC Output Diode Current (I OK) V O = −0.5V −20 mA V O = VCC +0.5V +20 mA DC Output Voltage (V O) +0.5V DC Output Source or Sink Current (I O) ±50 mA DC V CC or Ground Current Per Output Pin (I CC or IGND) ±50 mA Storage Temperature (T STG) −65˚C to +150˚C Junction Temperature (T J) CDIP 175˚C Recommended Operating Conditions Supply Voltage (V CC) ’ACT 4.5V to 5.5V Input Voltage (V I) 0VtoV CC Output Voltage (V O) 0VtoV CC Operating Temperature (T A) 54ACT −55˚C to +125˚C Minimum Input Edge Rate ( ∆V/∆t) ’ACT Devices V IN from 0.8V to 2.0V V CC @ 4.5V, 5.5V 125 mV/ns Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. National does not recom- mend operation of FACT™ circuits outside databook specifications. DC Electrical Characteristics 54ACT Symbol Parameter V CC T A = Units Conditions (V) −55˚C to +125˚C Guaranteed Limits V IH Minimum High Level 4.5 2.0 V V OUT = 0.1V Input Voltage 5.5 2.0 or V CC −0.1V V IL Maximum Low Level 4.5 0.8 V OUT = 0.1V Input Voltage 5.5 0.8 or V CC −0.1V V OH Minimum High Level 4.5 4.4 V I OUT = −50 µA 5.5 5.4 (Note 2) V IN = VIL or VIH 4.5 3.70 V I OH = −24 mA 5.5 4.70 I OH = −24 mA V OL Maximum Low Level 4.5 0.1 V I OUT = 50 µA Output Voltage 5.5 0.1 (Note 2) V IN = VIL or VIH 4.5 0.50 V I OL = 24 mA 5.5 0.50 I OL = 24 mA I IN Maximum Input Leakage Current 5.5 ±1.0 µA V I = VCC, GND I OZ Maximum TRI-STATE Current 5.5 ±10.0 µA V I = VIL,VIH V O = VCC, GND I CCT Maximum I CC/Input 5.5 1.6 mA V I = VCC −2.1V (Note 3) I OLD Minimum Dynamic 5.5 50 mA V OLD = 1.65V Max I OHD Output Current 5.5 −50 mA V OHD = 3.85V Min I CC Maximum Quiescent 5.5 160 µA V IN = VCC Supply Current or GND Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time. www.national.com 4 |
Podobny numer części - 54ACT825SD |
|
Podobny opis - 54ACT825SD |