Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX70G Arkusz danych(PDF) 8 Page - Infineon Technologies AG

Numer części BCX70G
Szczegółowy opis  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX70G Arkusz danych(HTML) 8 Page - Infineon Technologies AG

  BCX70G Datasheet HTML 1Page - Infineon Technologies AG BCX70G Datasheet HTML 2Page - Infineon Technologies AG BCX70G Datasheet HTML 3Page - Infineon Technologies AG BCX70G Datasheet HTML 4Page - Infineon Technologies AG BCX70G Datasheet HTML 5Page - Infineon Technologies AG BCX70G Datasheet HTML 6Page - Infineon Technologies AG BCX70G Datasheet HTML 7Page - Infineon Technologies AG BCX70G Datasheet HTML 8Page - Infineon Technologies AG BCX70G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BCW60, BCX70
8
Jan-29-2002
Collector cutoff current ICBO = f (TA)
VCB = VCEmax
0
10
EHP00335
BCW 60/BCX 70
A
T
150
-1
4
10
Ι
CBO
nA
50
100
0
10
1
10
3
10
˚C
typ
max
102
h parameter he = f (IC) normalized
VCE = 5V
10
EHP00336
BCW 60/BCX 70
-1
1
10
mA
-1
10
2
10
5
5
10
0
10
0
C
e
h
Ι
1
10
5
CE
V
= 5 V
11e
h
h
12e
h
21e
h
22e
5
h parameter he = f (VCE) normalized
IC = 2mA
0
0
EHP00337
BCW 60/BCX 70
CE
V
30
10
20
0.5
1.0
1.5
2.0
h
e
V
Ι
C = 2 mA
h
11e
21e
h
12e
h
22e
h
Noise figure F
= f (VCE)
IC = 0.2mA, RS = 2k, f = 1kHz
10
EHP00338
BCW 60/BCX 70
-1
2
10
V
5
10
0
10
1
F
10
15
20
dB
0
CE
V


Podobny numer części - BCX70G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCX70G PHILIPS-BCX70G Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Central Semiconductor C...
BCX70G CENTRAL-BCX70G Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Continental Device Indi...
BCX70G CDIL-BCX70G Datasheet
87Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Siemens Semiconductor G...
BCX70G SIEMENS-BCX70G Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Podobny opis - BCX70G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com