Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI52112-B3 Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części SI52112-B3
Szczegółowy opis  PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52112-B3 Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button SI52112-B3 Datasheet HTML 2Page - Silicon Laboratories SI52112-B3 Datasheet HTML 3Page - Silicon Laboratories SI52112-B3 Datasheet HTML 4Page - Silicon Laboratories SI52112-B3 Datasheet HTML 5Page - Silicon Laboratories SI52112-B3 Datasheet HTML 6Page - Silicon Laboratories SI52112-B3 Datasheet HTML 7Page - Silicon Laboratories SI52112-B3 Datasheet HTML 8Page - Silicon Laboratories SI52112-B3 Datasheet HTML 9Page - Silicon Laboratories SI52112-B3 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si52112-B3/B4
6
Rev 1.2
Table 4. Thermal Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature, Storage
TS
Non-functional
–65
150
°C
Temperature, Operating Ambient
TA
Functional
–40
85
°C
Temperature, Junction
TJ
Functional
150
°C
Dissipation, Junction to Case (TDFN)
ØJC
JEDEC (JESD 51)
38.3
°C/W
Dissipation, Junction to Case (TSSOP)
ØJC
JEDEC (JESD 51)
37.0
°C/W
Dissipation, Junction to Ambient (TDFN)
ØJA
JEDEC (JESD 51)
90.4
°C/W
Dissipation, Junction to Ambient (TSSOP)
ØJA
JEDEC (JESD 51)
124.0 °C/W
Table 5. Absolute Maximum Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Main Supply Voltage
VDD_3.3V
——
4.6
V
Input Voltage
VIN
Relative to VSS
–0.5
4.6
VDC
ESD Protection (Human Body Model)
ESDHBM
JEDEC (JESD 22 - A114)
2000
V
Flammability Rating
UL-94
UL (Class)
V–0
Note:
While using multiple power supplies, the voltage on any input or I/O pin cannot exceed the power pin during power-up.
Power supply sequencing is not required.


Podobny numer części - SI52112-B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B3-GM2 SKYWORKS-SI52112-B3-GM2 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B3-GM2R SKYWORKS-SI52112-B3-GM2R Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B3-GT SKYWORKS-SI52112-B3-GT Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B3-GTR SKYWORKS-SI52112-B3-GTR Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
More results

Podobny opis - SI52112-B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI52111-B3 SILABS-SI52111-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52111-B3 SKYWORKS-SI52111-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
Rev. 1.1
logo
Silicon Laboratories
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
SI52112-A1 SILABS-SI52112-A1 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-A1 SKYWORKS-SI52112-A1 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com