Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI52112-B3 Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części SI52112-B3
Szczegółowy opis  PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52112-B3 Arkusz danych(HTML) 1 Page - Silicon Laboratories

  SI52112-B3 Datasheet HTML 1Page - Silicon Laboratories SI52112-B3 Datasheet HTML 2Page - Silicon Laboratories SI52112-B3 Datasheet HTML 3Page - Silicon Laboratories SI52112-B3 Datasheet HTML 4Page - Silicon Laboratories SI52112-B3 Datasheet HTML 5Page - Silicon Laboratories SI52112-B3 Datasheet HTML 6Page - Silicon Laboratories SI52112-B3 Datasheet HTML 7Page - Silicon Laboratories SI52112-B3 Datasheet HTML 8Page - Silicon Laboratories SI52112-B3 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev 1.2
Copyright © 2014 by Silicon Laboratories
Si52112-B3/B4
Si52112-B3/B4
PCI-E XPRESS G EN 2 DUAL O UTPUT C LOCK G ENERATOR
Features
Applications
Description
Si52112-B3/B4 is a high-performance, PCIe clock generator that can
source two PCIe clocks from a 25 MHz crystal or clock input. The clock
outputs are compliant to PCIe Gen 1 and Gen 2 specifications. The ultra-
small footprint (3x3 mm) and industry leading low power consumption
make Si52112-B3/B4 the ideal clock solution for consumer and
embedded applications.
PCI-Express Gen 1 and Gen 2
compliant
Low power HCSL differential
output buffers
Supports Serial-ATA (SATA) at
100 MHz
No termination resistors required
25 MHz Crystal Input or Clock
input
Triangular spread spectrum
profile for maximum EMI
reduction (Si52112-B4)
Extended Temperature:
–40 to 85 °C
3.3 V Power supply
Small package 10-pin TDFN
(3x3 mm)
Si52112-B3 does not support
spread spectrum outputs
Si52112-B4 supports 0.5% down
spread outputs
For PCIe Gen3 applications, see
Si52112-B5/B6
Network Attached Storage
Multi-function Printer
Wireless Access Point
Routers
XIN/CLKIN
XOUT
DIFF2
DIFF1
PLL
Divider
VDD
VSS
Patents pending
Ordering Information:
See page 13
Pin Assignments
10
9
8
7
1
2
3
4
VDD
VDD
XOUT
XIN/CLKIN
VSS
VSS
5
6
DIFF1
DIFF1
DIFF2
DIFF2


Podobny numer części - SI52112-B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B3-GM2 SKYWORKS-SI52112-B3-GM2 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B3-GM2R SKYWORKS-SI52112-B3-GM2R Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B3-GT SKYWORKS-SI52112-B3-GT Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B3-GTR SKYWORKS-SI52112-B3-GTR Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
More results

Podobny opis - SI52112-B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI52111-B3 SILABS-SI52111-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52111-B3 SKYWORKS-SI52111-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
Rev. 1.1
logo
Silicon Laboratories
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
SI52112-A1 SILABS-SI52112-A1 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-A1 SKYWORKS-SI52112-A1 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com