Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI53106 Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SI53106
Szczegółowy opis  SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53106 Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SI53106 Datasheet HTML 5Page - Silicon Laboratories SI53106 Datasheet HTML 6Page - Silicon Laboratories SI53106 Datasheet HTML 7Page - Silicon Laboratories SI53106 Datasheet HTML 8Page - Silicon Laboratories SI53106 Datasheet HTML 9Page - Silicon Laboratories SI53106 Datasheet HTML 10Page - Silicon Laboratories SI53106 Datasheet HTML 11Page - Silicon Laboratories SI53106 Datasheet HTML 12Page - Silicon Laboratories SI53106 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Si53106
Rev. 1.2
9
Table 6. DIF 0.7 V AC Timing Characteristics (Non-Spread Spectrum Mode)1
Parameter
Symbol
CLK 100 MHz, 133 MHz
Unit
Notes
Min
Typ
Max
Clock Stabilization Time
TSTAB
1.5
1.8
ms
2
Long Term Accuracy
LACC
100
ppm
3,4,5
Absolute Host CLK Period (100MHz)
TABS
9.94900
10.05100
ns
3,4,6
Absolute Host CLK Period (133MHz)
TABS
7.44925
7.55075
ns
3,4,6
Edge Rate
Edge_rate
1.0
4.0
V/ns
3,4,7
Rise Time Variation
∆ TRISE
125
ps
3,8,9
Fall Time Variation
∆ TFALL
125
ps
3,8,9
Rise/Fall Matching
TRISE_MAT/
TFALL_MAT
——
20
%
3,8,10,11
Voltage High (typ 0.7 V)
VHIGH
660
850
mV
3,8,12
Voltage Low (typ 0.7 V)
VLOW
–150
150
mV
3,8,13
Maximum Voltage
VMAX
——
1150
mV
8
Absolute Crossing Point Voltages
VoxABS
250
550
mV
3,8,14,15,
16
Total Variation of VCROSS Over All
Edges
Total ∆
Vox
140
mV
3,8,18
Duty Cycle
DC
45
55
%
3,4
Maximum Voltage (Overshoot)
Vovs
——
VHigh + 0.3
V
3,8,19
Maximum Voltage (Undershoot)
Vuds
——
VLow – 0.3
V
3,8,20


Podobny numer części - SI53106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53106-A01AGM SKYWORKS-SI53106-A01AGM Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53106-A01AGMR SKYWORKS-SI53106-A01AGMR Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
More results

Podobny opis - SI53106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53108 SILABS-SI53108 Datasheet
1Mb / 38P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com