Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPMPU101-204 Arkusz danych(PDF) 2 Page - Total Power International

Numer części TPMPU101-204
Szczegółowy opis  100W Desk Top Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMPU101-204 Arkusz danych(HTML) 2 Page - Total Power International

  TPMPU101-204 Datasheet HTML 1Page - Total Power International TPMPU101-204 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DeratingC rve:
u
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:778~800gsapprox.
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%
loadat70°C
3.Fordual&tripleoutputseries,deratelinearly
from 100%loadat45°C
5
7 °C
to
0%loadat
0
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
MPU15C-110
5~6VDC
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
14.00~11.66 A
13.33~10.00 A
11.25~8.20 A
8.33~7.70 A
7.70~6.30 A
6.30~4.80 A
4.80~3.70 A
3.70~3.00 A
3.00~2.50 A
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
Pno max.
(
)
ModelNumber
Vonom
Vonom
Iomin
Iomin
Iomax
Iomax
Regmax
Regmax
Output#3
Output#2
Vonom Iomin Iomax Regmax
Output#1
Max.Output
Powe
r
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
3W
3W
3W
3W
3W
3W
3W
3W
3W
TPMPU101-102
5%
70W
TPMPU101-103
5%
80W
TPMPU101-104
4%
90W
TPMPU101-105
3%
100W
TPMPU101-106
3%
100W
TPMPU101-107
3%
100W
TPMPU101-108
2%
100W
TPMPU101-109
2%
100W
TPMPU101-110
2%
100W
TPMPU101-200
TPMPU101-201
TPMPU101-202
TPMPU101-203
TPMPU101-204
TPMPU101-209
TPMPU101-210
TPMPU101-215
TPMPU101-300
TPMPU101-302
TPMPU101-303
TPMPU101-304
TPMPU101-305
TPMPU101-306
+3.3V
+3.3V
+12V
+15V
+
V
3.3
+5V
+5V
+5V
+5V
+3.3V
+5V
+5V
+5V
+5V
TPMPU101-212
+
V
24
TPMPU101-300-1
+
V
3.3
TPMPU101-301
+5V
TPMPU101-301-1
+5V
TPMPU101-302-1
+5V
TPMPU101-303-1
+5V
TPMPU101-304-1
+5V
TPMPU101-305-1
+5V
TPMPU101-306-1
+3.3V
TPMPU101-308
+3.3V
TPMPU101-308-1
+3.3V
10
. A
1.0A
1.0A
10
. A
1.0A
0. A
7
0. A
6
10A
10A
10A
10A
10A
7A
6A
10A
0. A
3
3A
10A
1.0A
10A
1.0A
10A
1.0A
10A
1.0A
10A
10A
10A
10A
10A
10A
10A
10A
10A
10A
10A
10A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
5%
5%
7%
5%
5%
5%
5%
5%
5%
5%
7%
7%
7%
7%
7%
+12V
+12V
+15V
+24V
+5V
0. A
3
0. A
3
0. A
3
0. A
2
0. A
5
3A
3A
3A
2A
5A
5%
5%
6%
7%
5%
-12V
-15V
-24V
1A
1A
1A
5%
5%
5%
-24V
1A
5%
0A
0A
0A
0A
+
V
12
+12V
+15V
+24V
+24V
+12V
0. A
3
3A
5%
5%
6%
5%
5%
5%
+
V
12
0. A
3
3A
5%
+12V
5%
3A
+12V
5%
3A
3A
+12V
5%
3A
3A
+15V
6%
3A
3A
+24V
5%
3A
3A
+24V
5%
3A
3A
+12V
5%
3A
+ V
5
5%
3A
+ V
5
5%
3A
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
0. A
3
-12V
-15V
-24V
-12V
-5V
5%
5%
5%
5%
5%
-12V
0A
5%
+12V
0A
5%
-5V
0A
5%
+5V
0A
5%
+12V
5%
+15V
5%
+24V
5%
1A
1A
+12V
5%
1A
1A
+5V
5%
1A
-12V
5%
1A
+12V
5%
1A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
1A
1A
1A
1A
1A
1A
1A
1A
1A
69W
3W
3W
3W
3W
3W
4W
4W
3W
3W
4W
4W
4W
4W
4W
4W
3W
3W
3W
4W
3W
3W
3W
3W
3W
3W
80W
80W
80W
55W
80W
80W
74W
74W
80W
80W
80W
80W
74W
80W
74W
80W
80W
80W
80W
80W
80W
74W
60W
60W
100WDeskTopType
TPMPU101 SERIES
MedicalPowerSupplies
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Podobny numer części - TPMPU101-204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPMPU12A TOTAL-POWER-TPMPU12A Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12A-102 TOTAL-POWER-TPMPU12A-102 Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12A-103 TOTAL-POWER-TPMPU12A-103 Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12A-104 TOTAL-POWER-TPMPU12A-104 Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
TPMPU12A-105 TOTAL-POWER-TPMPU12A-105 Datasheet
247Kb / 2P
   12W Wall Moumt Switching Power Supplies For Medical Equipment
More results

Podobny opis - TPMPU101-204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPSPU100 TOTAL-POWER-TPSPU100 Datasheet
272Kb / 2P
   100W Desk Top Type I.T.E. Power Supplies
logo
MPS Industries, Inc.
MPU100 MPSIND-MPU100 Datasheet
180Kb / 2P
   100W Desk Top Switching Power Supplies For Medical Equipment
HPU100 MPSIND-HPU100 Datasheet
421Kb / 2P
   100W Desk top type medical power supplies for health care applications
logo
Total Power Internation...
TPMPU16C TOTAL-POWER-TPMPU16C Datasheet
283Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU31 TOTAL-POWER-TPMPU31 Datasheet
271Kb / 2P
   30W Desk Top Type Medical Power Supplies
TPMPU130 TOTAL-POWER-TPMPU130 Datasheet
378Kb / 2P
   130W Desk Top Type Medical Power Supplies
TPMPU64 TOTAL-POWER-TPMPU64 Datasheet
251Kb / 2P
   63W Desk Top Type Medical Power Supplies
TPMPU16A TOTAL-POWER-TPMPU16A Datasheet
255Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU51 TOTAL-POWER-TPMPU51 Datasheet
279Kb / 2P
   50W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com