Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI53306 Arkusz danych(PDF) 3 Page - Silicon Laboratories

Numer części SI53306
Szczegółowy opis  1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53306 Arkusz danych(HTML) 3 Page - Silicon Laboratories

  SI53306 Datasheet HTML 1Page - Silicon Laboratories SI53306 Datasheet HTML 2Page - Silicon Laboratories SI53306 Datasheet HTML 3Page - Silicon Laboratories SI53306 Datasheet HTML 4Page - Silicon Laboratories SI53306 Datasheet HTML 5Page - Silicon Laboratories SI53306 Datasheet HTML 6Page - Silicon Laboratories SI53306 Datasheet HTML 7Page - Silicon Laboratories SI53306 Datasheet HTML 8Page - Silicon Laboratories SI53306 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Si53306
Rev. 1.0
3
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Operating
Temperature
TA
–40
85
°C
Supply Voltage Range*
VDD
LVDS, CML
1.71
1.8
1.89
V
2.38
2.5
2.63
V
2.97
3.3
3.63
V
LVPECL, low power LVPECL,
LVCMOS
2.38
2.5
2.63
V
2.97
3.3
3.63
V
HCSL
2.97
3.3
3.63
V
Output Buffer Supply
Voltage*
VDDOX
LVDS, CML, LVCMOS
1.71
1.8
1.89
V
2.38
2.5
2.63
V
2.97
3.3
3.63
V
LVPECL, low power LVPECL
2.38
2.5
2.63
V
2.97
3.3
3.63
V
HCSL
2.97
3.3
3.63
V
*Note:
Core supply VDD and output buffer supplies VDDO are independent. LVCMOS clock input is not supported for VDD =
1.8V but is supported for LVCMOS clock output for
VDDOX = 1.8V. LVCMOS outputs at 1.5V and 1.2V can be
supported via a simple resistor divider network. See “2.7.1. LVCMOS Output Termination To Support 1.5V and 1.2V”
Table 2. Input Clock Specifications
(VDD=1.8 V 5%, 2.5 V 5%, or 3.3 V 10%, TA=–40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Differential Input Common
Mode Voltage
VCM
VDD =2.5 V5%, 3.3 V10%
0.05
V
Differential Input Swing
(peak-to-peak)
VIN
0.2
2.2
V
LVCMOS Input High Volt-
age
VIH
VDD =2.5 V5%, 3.3 V10%
VDD x 0.7
V
LVCMOS Input Low Volt-
age
VIL
VDD =2.5 V5%, 3.3 V10%
VDD x
0.3
V
Input Capacitance
CIN
CLK pins with respect to GND
5
pF


Podobny numer części - SI53306

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI53306 SKYWORKS-SI53306 Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
SI53306-B-GM SKYWORKS-SI53306-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Podobny opis - SI53306

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53315 SILABS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL
SI53314 SILABS-SI53314 Datasheet
1Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL
SI53308 SILABS-SI53308 Datasheet
1Mb / 32P
   DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com