Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI53307 Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI53307
Szczegółowy opis  2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53307 Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI53307 Datasheet HTML 1Page - Silicon Laboratories SI53307 Datasheet HTML 2Page - Silicon Laboratories SI53307 Datasheet HTML 3Page - Silicon Laboratories SI53307 Datasheet HTML 4Page - Silicon Laboratories SI53307 Datasheet HTML 5Page - Silicon Laboratories SI53307 Datasheet HTML 6Page - Silicon Laboratories SI53307 Datasheet HTML 7Page - Silicon Laboratories SI53307 Datasheet HTML 8Page - Silicon Laboratories SI53307 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Si53307
Rev. 1.0
5
Table 3. DC Common Characteristics
(VDD =VDDO =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
IDD
—65
100
mA
Output Buffer
Supply Current
(Per Clock Output)
@100 MHz (diff)
@200 MHz (CMOS)
IDDO
LVPECL (3.3 V)
40
mA
Low Power LVPECL (3.3 V)*
35
mA
LVDS (3.3 V)
20
mA
CML (3.3 V)
60
mA
HCSL, 100 MHz, 2 pF load
(3.3 V)
—35
mA
CMOS (2.5 V, SFOUT = Open/0),
per output, CL =5pF, 200MHz
—10
mA
CMOS (3.3 V, SFOUT = 0/1),
per output, CL =5pF, 200MHz
—20
mA
Input High Voltage
VIH
SFOUTX, OE
0.8 x VDD
V
Input Mid Voltage
VIM
SFOUTX, 3-level input pins
0.45 x VDD 0.5 x VDD 0.55 x VDD
V
Input Low Voltage
VIL
SFOUTX, OE
0.2 x VDD
V
Internal Pull-down
Resistor
RDOWN
SFOUT, CLK_SEL
25
k
Internal Pull-up
Resistor
RUP
SFOUTX, OE
25
k
*Note:
Low-power LVPECL mode supports an output termination scheme that will reduce overall system power.


Podobny numer części - SI53307

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI53307 SKYWORKS-SI53307 Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
SI53307-B-GM SKYWORKS-SI53307-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Podobny opis - SI53307

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
logo
Silicon Laboratories
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Texas Instruments
LMK00101 TI1-LMK00101 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator with Universal Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com