Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI53340 Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI53340
Szczegółowy opis  1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53340 Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI53340 Datasheet HTML 1Page - Silicon Laboratories SI53340 Datasheet HTML 2Page - Silicon Laboratories SI53340 Datasheet HTML 3Page - Silicon Laboratories SI53340 Datasheet HTML 4Page - Silicon Laboratories SI53340 Datasheet HTML 5Page - Silicon Laboratories SI53340 Datasheet HTML 6Page - Silicon Laboratories SI53340 Datasheet HTML 7Page - Silicon Laboratories SI53340 Datasheet HTML 8Page - Silicon Laboratories SI53340 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Si53340
Rev. 1.0
5
Figure 1. Differential Measurement Method Using a Balun
Table 6. Additive Jitter, Differential Clock Input
VDD
Input1,2
Output
Additive Jitter
(fs rms, 12 kHz to
20 MHz)3
Freq
(MHz)
Clock Format
Amplitude
VIN
(Single-Ended,
Peak-to-Peak)
Differential
20%-80% Slew
Rate (V/ns)
Clock Format
Typ
Max
3.3
725
Differential
0.15
0.637
LVDS
50
65
3.3
156.25
Differential
0.5
0.458
LVDS
150
200
2.5
725
Differential
0.15
0.637
LVDS
50
65
2.5
156.25
Differential
0.5
0.458
LVDS
145
195
Notes:
1. For best additive jitter results, use the fastest slew rate possible. See “AN766: Understanding and Optimizing Clock
Buffer’s Additive Jitter Performance” for more information.
2. AC-coupled differential inputs.
3. Measured differentially using a balun at the phase noise analyzer input. See Figure 1.
Table 7. Additive Jitter, Single-Ended Clock Input
VDD
Input1,2
Output
Additive Jitter
(fs rms, 12 kHz to
20 MHz)3
Freq
(MHz)
Clock Format
Amplitude
VIN
(single-ended,
peak to peak)
SE 20%-80%
Slew Rate
(V/ns)
Clock Format
Typ
Max
3.3
156.25
Single-ended
2.18
1
LVDS
150
200
2.5
156.25
Single-ended
2.18
1
LVDS
145
195
Notes:
1. For best additive jitter results, use the fastest slew rate possible. See “AN766: Understanding and Optimizing Clock
Buffer’s Additive Jitter Performance” for more information.
2. DC-coupled single-ended inputs.
3. Measured differentially using a balun at the phase noise analyzer input (see Figure 1).


Podobny numer części - SI53340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI53340 SKYWORKS-SI53340 Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
   Multiple configuration options
SI53340-B-GM SILABS-SI53340-B-GM Datasheet
947Kb / 38P
   Multiple configuration options
logo
Skyworks Solutions Inc.
SI53340-B-GM SKYWORKS-SI53340-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
SI53340-B-GM SKYWORKS-SI53340-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
More results

Podobny opis - SI53340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U_10 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and
logo
Silicon Laboratories
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U Datasheet
628Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com