Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCLVP1204RGTR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCLVP1204RGTR
Szczegółowy opis  Four LVPECL Output, High-Performance Clock Buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1204RGTR Arkusz danych(HTML) 1 Page - Texas Instruments

  CDCLVP1204RGTR Datasheet HTML 1Page - Texas Instruments CDCLVP1204RGTR Datasheet HTML 2Page - Texas Instruments CDCLVP1204RGTR Datasheet HTML 3Page - Texas Instruments CDCLVP1204RGTR Datasheet HTML 4Page - Texas Instruments CDCLVP1204RGTR Datasheet HTML 5Page - Texas Instruments CDCLVP1204RGTR Datasheet HTML 6Page - Texas Instruments CDCLVP1204RGTR Datasheet HTML 7Page - Texas Instruments CDCLVP1204RGTR Datasheet HTML 8Page - Texas Instruments CDCLVP1204RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LVPECL
4
4
Reference
Generator
GND
OUTP[3...0]
OUTN[3...0]
V
CC
V
AC_REF
INP0
INN0
INP1
INN1
IN_SEL
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
Frequency (GHz)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
V
= 3.0 V
T = 40 C to +85 C
V
= 1 V
V
= Min
CC
A
ICM
IN,DIFF,PP
-
°
°
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
CDCLVP1204
SCAS880F – AUGUST 2009 – REVISED SEPTEMBER 2015
CDCLVP1204 Four LVPECL Output, High-Performance Clock Buffer
1 Features
3 Description
The CDCLVP1204 is a highly versatile, low additive
1
2:4 Differential Buffer
jitter buffer that can generate four copies of LVPECL
Selectable Clock Inputs Through Control Terminal
clock outputs from one of two selectable LVPECL,
Universal Inputs Accept LVPECL, LVDS, and
LVDS,
or
LVCMOS
inputs
for
a
variety
of
LVCMOS/LVTTL
communication applications. It has a maximum clock
frequency up to 2 GHz. The CDCLVP1204 features
Four LVPECL Outputs
an on-chip multiplexer (MUX) for selecting one of two
Maximum Clock Frequency: 2 GHz
inputs that can be easily configured solely through a
Maximum Core Current Consumption: 45 mA
control
terminal.
The
overall
additive
jitter
performance is less than 0.1 ps, RMS from 10 kHz to
Very Low Additive Jitter: <100 fs, RMS in 10-kHz
20 MHz, and overall output skew is as low as 15 ps,
to 20-MHz Offset Range:
making the device a perfect choice for use in
57 fs, RMS (typical) at 122.88 MHz
demanding applications.
48 fs, RMS (typical) at 156.25 MHz
The CDCLVP1204 clock buffer distributes one of two
30 fs, RMS (typical) at 312.5 MHz
selectable clock inputs (IN0, IN1) to four pairs of
2.375-V to 3.6-V Device Power Supply
differential LVPECL clock outputs (OUT0, OUT3) with
minimum
skew
for
clock
distribution.
The
Maximum Propagation Delay: 450 ps
CDCLVP1204 can accept two clock sources into an
Maximum Output Skew: 15 ps
input multiplexer. The inputs can be LVPECL, LVDS,
LVPECL Reference Voltage, VAC_REF, Available
or LVCMOS/LVTTL.
for Capacitive-Coupled Inputs
The CDCLVP1204 is specifically designed for driving
Industrial Temperature Range: –40°C to +85°C
50-
Ω transmission lines. When driving the inputs in
Supports 105°C PCB Temperature (Measured at
single-ended
mode,
the
LVPECL
bias
voltage
Thermal Pad)
(VAC_REF) must be applied to the unused negative
input terminal. However, for high-speed performance
ESD Protection Exceeds 2 kV (HBM)
up
to
2
GHz,
differential
mode
is
strongly
recommended.
2 Applications
The CDCLVP1204 is characterized for operation from
Wireless Communications
–40°C to +85°C.
Telecommunications/Networking
Medical Imaging
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Test and Measurement Equipment
CDCLVP1204
QFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Differential Output Peak-to-Peak Voltage
vs. Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - CDCLVP1204RGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVP1204RGTR TI-CDCLVP1204RGTR Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results

Podobny opis - CDCLVP1204RGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102 Datasheet
756Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com