Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCLVP1204RGTT Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCLVP1204RGTT
Szczegółowy opis  Four LVPECL Output, High-Performance Clock Buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1204RGTT Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button CDCLVP1204RGTT Datasheet HTML 3Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 4Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 5Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 6Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 7Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 8Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 9Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 10Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CDCLVP1204
www.ti.com
SCAS880F – AUGUST 2009 – REVISED SEPTEMBER 2015
Electrical Characteristics: LVPECL Output (continued)
VCC = 2.375 V to 2.625 V; TA = –40°C to +85°C and TPCB ≤ 105°C (unless otherwise noted).
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT = 100 MHz, VIN,SE = VCC,
Vth = 1.25 V,
0.081
ps, RMS
10 kHz to 20 MHz
fOUT = 100 MHz, VIN,SE = 0.9 V,
0.091
ps, RMS
Vth = 1.1 V, 10 kHz to 20 MHz
fOUT = 2 GHz, VIN,DIFF,PP = 0.2 V,
0.041
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,DIFF,PP = 0.15 V,
0.088
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,DIFF,PP = 1 V,
0.081
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 122.88 MHz,
(3) (4)
Square Wave, VIN-PP = 1 V,
0.057
0.088
ps, RMS
12 kHz to 20 MHz
fOUT = 122.88 MHz,
(3) (4)
Square Wave, VIN-PP = 1 V,
0.057
0.088
ps, RMS
10 kHz to 20 MHz
fOUT = 122.88 MHz,
(3) (4)
Random additive jitter
Square Wave, VIN-PP = 1 V,
0.086
0.121
ps, RMS
tRJIT
(with 50% duty cycle input)
1 kHz to 40 MHz
fOUT = 156.25 MHz,
(3) (5)
Square Wave, VIN-PP = 1 V,
0.048
0.071
ps, RMS
12 kHz to 20 MHz
fOUT = 156.25 MHz,
(3) (5)
Square Wave, VIN-PP = 1 V,
0.048
0.071
ps, RMS
10 kHz to 20 MHz
fOUT = 156.25 MHz,
(3) (5)
Square Wave, VIN-PP = 1 V,
0.068
0.097
ps, RMS
1 kHz to 40 MHz
fOUT = 312.5 MHz,
(3) (6)
Square Wave, VIN-PP = 1 V,
0.030
0.048
ps, RMS
12 kHz to 20 MHz
fOUT = 312.5 MHz,
(3) (6)
Square Wave, VIN-PP = 1 V,
0.030
0.048
ps, RMS
10 kHz to 20 MHz
fOUT = 312.5 MHz,
(3) (6)
Square Wave, VIN-PP = 1 V,
0.045
0.068
ps, RMS
1 kHz to 40 MHz
(3)
Input source RMS Jitter (tRJIT_IN) and Total RMS Jitter (tRJIT_OUT) measured using Agilent E5052 Phase Noise Analyzer. Buffer device
random additive jitter computed as: tRJIT = SQRT[(tRJIT_OUT)
2 - (t
RJIT_IN)
2].
(4)
Input source: 122.88 MHz Rohde & Schwarz SMA100A Signal Generator.
(5)
Input source: 156.25 MHz Rohde & Schwarz SMA100A Signal Generator.
(6)
Input source: 312.5 MHz Rohde & Schwarz SMA100A Signal Generator.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CDCLVP1204


Podobny numer części - CDCLVP1204RGTT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results

Podobny opis - CDCLVP1204RGTT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102 Datasheet
756Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com