Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL23EP05 Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SL23EP05
Szczegółowy opis  LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP05 Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SL23EP05 Datasheet HTML 1Page - Silicon Laboratories SL23EP05 Datasheet HTML 2Page - Silicon Laboratories SL23EP05 Datasheet HTML 3Page - Silicon Laboratories SL23EP05 Datasheet HTML 4Page - Silicon Laboratories SL23EP05 Datasheet HTML 5Page - Silicon Laboratories SL23EP05 Datasheet HTML 6Page - Silicon Laboratories SL23EP05 Datasheet HTML 7Page - Silicon Laboratories SL23EP05 Datasheet HTML 8Page - Silicon Laboratories SL23EP05 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SL23EP05
Rev. 2.2
5
Table 3. AC Electrical Specifications (VDD = 3.3 V and 2.5 V)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Maximum Frequency
(Input=Output) 1
FMAX
3.3 V High Drive
10
220
MHz
3.3 V Standard Drive
10
200
MHz
2.5 V High Drive
10
180
MHz
2.5 V Standard Drive
10
167
MHz
Input Duty Cycle
INDC
<135 MHz, VDD = 3.3 V
25
75
%
<135 MHz, VDD = 2.5 V
40
60
%
Output Duty Cycle 2
OUTDC
<135 MHz, VDD = 3.3 V
45
55
%
<135 MHz, VDD = 2.5 V
40
60
%
Rise, Fall Time (3.3V)
Measured at:
0.8 to 2.0 V 2
tr/f3.3
High drive, CL = 15 pF, >135 MHz
0.5
ns
Std drive, CL = 15 pF, <170 MHz
1.5
ns
High drive, CL = 30 pF, <100 MHz
1.5
ns
Std drive, CL = 30 pF, <100 MHz
2.5
ns
Rise, Fall Time (2.5) 2
Measured at: 0.6 to 1.8 V
tr/f2.5
High drive, CL = 15 pF, >135 MHz
1.5
ns
Std drive, CL = 15 pF, <135 MHz
2.5
ns
High drive, CL = 30 pF, <100 MHz
2.5
ns
Output-to-Output Skew 2
t1
All outputs CL = 0, 3.3 V supply,
2.5 V power supply, standard drive
30
90
ps
All outputs CL = 0, 2.5 V power supply,
high drive
40
100
ps
Delay Time, CLKIN Rising
Edge to CLKOUT Rising
Edge 2
t2
PLL enabled @ 3.3 V
–100
100
ps
PLL enabled @2.5 V
–200
200
ps
Part-to-Part Skew 2
t3
Measured at VDD/2. Any output to any
output, 3.3 V supply
–150
150
ps
Measured at VDD/2. Any output to any
output, 2.5 V supply
–300
300
ps
Notes:
1. For the given maximum loading conditions. See CL in Operating Conditions Table.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Podobny numer części - SL23EP05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1 SPECTRALINEAR-SL23EP05SC-1 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1H SPECTRALINEAR-SL23EP05SC-1H Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1HT SPECTRALINEAR-SL23EP05SC-1HT Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1T SPECTRALINEAR-SL23EP05SC-1T Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Podobny opis - SL23EP05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com